Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTD718 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTD718
Description  TRIPLE DIFFUSED NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD718 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTD718 Datasheet HTML 1Page - First Silicon Co., Ltd FTD718 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
10
0.3
0.1
0.03
0.01
COLLECTOR CURRENT I
(A)
C
h
- I
I - V
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0.01
0.3
0.1
0.03
0.01
COLLECTOR CURRENT I (A)
C
V
- I
0
C
CE
246
8
10
12
14
2
4
6
8
10
12
COMMON EMITTER
Tc=25 C
400
300
200
100
50
I =20mA
0
B
FE
C
1
3
10
30
50
100
300
500
1k
COMMON EMITTER
V =5V
CE
Tc=100 C
Tc=25 C
Tc=-25 C
CE(sat)
C
1
3
10
0.03
0.05
0.1
0.3
0.5
1
COMMON EMITTER
I /I =10
C B
Tc=100
C
Tc=25 C
Tc=-25 C
40
80
120
160
200
240
20
40
60
80
100
Ta=Tc
INFINITE HEAT SINK
300x300x2mm Al
HEAT SINK
200x200x2mm Al
HEAT SINK
100x100x2mm Al
HEAT SINK
NO HEAT SINK
1
2
3
4
5
1
2
3
4
5
SAFE OPERATING AREA
COLLECTOR-EMITTER VOLTAGE V
(V)
1
3
10
30
0.1
CE
100
300
0.3
1
3
10
30
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WIHT INCREASE
IN TEMPERATURE
*
I MAX(PULSED)
C
C
I MAX(CONTINUOUS)
*
t=1mS
10mS
100mS
*
*
*
500mS
DC
OPERATION
Tc=25
C
*
FTD718
RATINGS AND CHARACTERISTIC CURVES
2020. 01. 13
2/2
Revision No : 0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com