Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL100A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CL100A
Description  NPN SILICON PLANAR TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CL100A Datasheet(HTML) 1 Page - Continental Device India Limited

  CL100A Datasheet HTML 1Page - Continental Device India Limited CL100A Datasheet HTML 2Page - Continental Device India Limited CL100A Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN SILICON PLANAR TRANSISTORS
CL 100, A, B
CK 100, A, B
TO-39
Metal Can Package
CL100 And CK 100 Are Medium Power Transistors Suitable For Awide Range
Of Medium Voltage And Current Amplifier Applications.
Complementary CK100, A, B
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector -Emitter Voltage
VCER
50
V
Collector -Base Voltage
VCBO
60
V
Emitter Base Voltage
VEBO
5V
Collector Current-Continuous
ICM
1A
Power Dissipation @ Ta=25ºC
PD
800
mW
Derate above 25ºC
5.33
mW /°C
Total device dissipation @ Tc=25ºC
PD
3
W
Derate above 25ºC
20
mW /°C
Operating And Storage Junction
Tj, Tstg
-55 to +175
°C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Breakdown Voltage
BVCER *IC =10mA, IB =0
50
V
Collector Base Breakdown Voltage
BVCBO
IC =100µA, IE =0
60
V
Emitter Base Breakdown Voltage
BVEBO
IE=100µA, IC=0
5V
Collector Leakage Current
ICBO
VCB=40V, IE=0
50
nA
Emitter Leakage Current
IEBO
VEB=4V, IE=0
1
µA
DC Current Gain
hFE *IC=150mA,VCE=10V
40
300
Base Emitter On Voltage
VBE(on)* VCE=1V, IC=150mA,
0.9
V
Collector Emitter (Sat) Voltage
VCE(sat)* IC=150mA,IB=15mA
0.6
V
CLASSIFICATION
A
B
HFE
40-120
100-300
*Pulse Condition : PW <300us, Duty Cycle < 2%
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CL100A

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL100K01-000 WABASH-CL100K01-000 Datasheet
629Kb / 2P
Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
CL100K01-0CT WABASH-CL100K01-0CT Datasheet
629Kb / 2P
Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
CL100K02-000 WABASH-CL100K02-000 Datasheet
629Kb / 2P
Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
CL100K02-0CT WABASH-CL100K02-0CT Datasheet
629Kb / 2P
Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
CL100K04-000 WABASH-CL100K04-000 Datasheet
629Kb / 2P
Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
More results

Similar Description - CL100A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2218 SIEMENS-2N2218 Datasheet
155Kb / 6P
NPN Silicon Planar Transistors
2N2220 SIEMENS-2N2220 Datasheet
45Kb / 2P
NPN Silicon Planar Transistors
BCY58 SIEMENS-BCY58 Datasheet
133Kb / 4P
npn silicon planar transistors
BF469 SIEMENS-BF469 Datasheet
83Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BSX45 SIEMENS-BSX45 Datasheet
277Kb / 8P
NPN SILICON PLANAR TRANSISTORS
BSX48 SIEMENS-BSX48 Datasheet
126Kb / 4P
NPN SILICON PLANAR TRANSISTORS
BSX62 SIEMENS-BSX62 Datasheet
167Kb / 5P
NPN SILICON PLANAR TRANSISTORS
BSY34 SIEMENS-BSY34 Datasheet
158Kb / 5P
NPN SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
CIL351 CDIL-CIL351 Datasheet
137Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BC171 CDIL-BC171 Datasheet
221Kb / 4P
NPN SILICON PLANAR TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com