Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMST3904 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MMST3904
Description  NPN General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMST3904 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MMST3904 Datasheet HTML 1Page - First Silicon Co., Ltd MMST3904 Datasheet HTML 2Page - First Silicon Co., Ltd MMST3904 Datasheet HTML 3Page - First Silicon Co., Ltd MMST3904 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
■
Electrical Characteristics(Ta=25℃ Unless otherwise specified
Item
Symbol
Unit
Conditions
Min
Max
Collector-base breakdown voltage
V(BR)CBO
V
IC=10μA,IE=0
60
Collector-emitter breakdown voltage
V(BR)CEO
V
IC =1mA,IB=0
40
Emitter-base breakdown voltage
V(BR)EBO
V
IE=10μA,IC=0
6
I
t
n
e
rr
u
c
ff
o
-t
u
c
r
o
t
c
e
ll
o
C
CBO
nA
VCB=30V,IB=0
100
I
t
n
e
rr
u
c
ff
o
-t
u
c
r
o
t
c
e
ll
o
C
CEX
nA
VCE=30V, VEB=3V,
50
DC current gain
hFE
VCE=1V,IC=100uA
40
hFE
VCE=1V,IC=1mA
70
hFE
VCE=1V,IC=10mA
100
300
hFE
VCE=1V,IC=50mA
60
hFE
VCE=1V,IC=500mA
30
Collector-emitter saturation voltage
VCE(sat)
V
IC=50mA,IB=5mA
0.3
Base-emitter saturation voltage
VBE(sat)*
V
IC=50mA,IB=5mA
0.95
■
Other Characteristics Ta=25℃ Unless otherwise specified
Item
Symbol
Unit
Conditions
Min
Max
H
M
t
F
y
c
n
e
u
q
e
rf
n
o
it
i
s
n
a
r
T
z
VCE=20V,IC=10mA,f=100MHz
250
s
n
d
t
e
m
it
y
a
l
e
D
VCC=3V,IC=100uA,
VBE(off)=0.5V ,IB1=1mA
35
5
3
s
n
rt
e
m
it
e
s
i
R
s
n
s
t
e
m
it
e
g
a
r
o
t
S
VCC=3V,IC=10mA,
IB1=-IB2=1mA
200
0
5
s
n
ft
e
m
it
ll
a
F
2020. 03. 31
2/4
Revision No : 0
MMST3904



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com