Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB-KB50 Datasheet(PDF) 4 Page - Mini-Circuits

Part # KB-KB50
Description  Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KB-KB50 Datasheet(HTML) 4 Page - Mini-Circuits

  KB-KB50 Datasheet HTML 1Page - Mini-Circuits KB-KB50 Datasheet HTML 2Page - Mini-Circuits KB-KB50 Datasheet HTML 3Page - Mini-Circuits KB-KB50 Datasheet HTML 4Page - Mini-Circuits KB-KB50 Datasheet HTML 5Page - Mini-Circuits KB-KB50 Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Adapter, 2.92mm Female Bulkhead to 2.92mm Female Bulkhead
KB-KB50+
Typical Performance Curves
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
5000
10000
15000
20000
25000
30000
35000
40000
Frequency (MHz)
Insertion Loss
1.00
1.02
1.04
1.06
1.08
1.10
1.12
0
5000
10000
15000
20000
25000
30000
35000
40000
Frequency (MHz)
2.92mm-Female Bulkhead 1 VSWR
1.00
1.02
1.04
1.06
1.08
1.10
1.12
0
5000
10000
15000
20000
25000
30000
35000
40000
Frequency (MHz)
2.92mm-Female Bulhead 2 VSWR
REV. OR
KB-KB50+
6/11/2020
Page 1 of 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com