Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS317L Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS317L
Description  3-Terminal Adjustable Output Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS317L Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS317L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Rating
Input Voltage
Vin
40
V
Power Dissipation
Pd
Internal Limited
W
Operating Junction Temperature Range
TJ
-20 ~ +125
oC
Storage Temperature Range
TSTG
-55 ~ +150
oC
Lead Temperature (soldering 4 sec.)
TLEAD
+260
oC
Note:
“Absolute maximum rating” indicated limits beyond which damage to the device may occur. Operating ratings
indicate conditions for which the device is functional, but do not guarantee specific performance limits.
Electrical Characteristics
(Tj =TLOW to THIGH see [Note 1], Vin-Vout= 5V, Io=40mA; Pmax per [Note 2]; unless otherwise specified.)
CHARACTERISTIC
CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reference voltage
(Note 4)
5mA
≤ Io ≤ 100mA
3V
≤ Vi - Vo ≤ 40V
Vref
1.20
1.25
1.30
V
Line regulation
(Note 3)
Tj = 25
oC, 3V ≤ Vi -Vo ≤ 40V,
Io=20mA
REGline
--
0.01
0.07
%/V
Load regulation
(Note 3)
Tj = 25
oC, 5mA ≤ I
O ≤ Imax,
REGload
--
0.1
1.5
%
Thermal regulation
Tj = 25
oC, 10 ms Pulse
--
--
0.03
0.2
%/W
Adjustment pin current
Iadj
--
50
100
uA
Adjustment pin current
change
Pd
≤ Pmax, 5mA ≤ Io ≤ Imax,
3V
≤ VI - VO ≤ 40V
∆Iadj
--
0.2
5.0
uA
Current limit
3V
≤ VI - VO ≤ 13V
VI - VO = 40V
ILIMIT
--
--
200
50
--
--
mA
Temperature stability
TLOW ≤ Tj ≤ THIGH
TS
--
0.65
--
%
Minimum load current
VI - VO ≤ 40V
Imin
--
3.5
5
mA
RMS Noise, % of VO
Ta =25
oC, 10H
Z ≤ f ≤ 10KHZ
N
--
0.003
--
%
Ripple rejection ratio
Vout= 10V, f= 120Hz, Cadj= 0
--
--
65
--
dB
Long-term stability
(Note 5)
Tj = 125
oC, 1000hrs
S
--
0.3
1.0
%
Thermal resistance
Junction to Ambient
CT package 0.4” leads
CS package
Rθja
--
--
180
165
--
--
oC/W
Notes:
1. TLOW = -20
oC, T
HIGH = + 125
oC
2. Pmax: CS package=0.5W, CT package=0.625W,
3. Load and line regulation are specified at constant junction temperature. Changes in output voltage due to heating
effects must be taken into account separately. Pulse testing with low duty cycle is used.
4. Selected devices with tightened tolerance reference voltage available.
5. Since Long-Term Stability cannot be measured on each device before shipment, this specification is an engineering
estimate of average stability from lot to lot.
TS317L
2-6
2003/12 rev. A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com