Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS324 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS324
Description  Quad Operating Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS324 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS324 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS324 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS324 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS324 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS324 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS324 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS324
1-6
2003/12 rev. A
TS324
Quad Operating Amplifier
Supply Voltage Range 3 V to 32V
Quad Channel Amplifier
General Description
The TS324 contains four independent high gain operational amplifiers with internal frequency compensation. The four
op-amps use a split power supply. The device has low power supply current drain, regardless or the power supply
voltage. The low power drain also makes the TS324 a good choice for battery operation.
When your project calls for a traditional op-amp function, now you can streamline your design with a simple single
power supply. Use ordinary +5V common to practically any digital system or personal computer application, without
requiring an extra 15V power supply just to have the interface electronics you need.
The TS324 is a versatile, rugged workhorse with a thousand-and-one uses, from amplifying signals from a variety of
transducers to dc gain blocks, or any op-amp function. The attached pages offer some recipes that will have your
project cooking in no time.
The TS358 is offered in 14 pin SOP-14 and DIP-14 package.
Features
Single supply operation: 3V to 32V
Low input bias currents
Internally compensated
Common mode range extends to negative supply
Single and split supply operation
Ordering Information
Part No.
Operating Temp.
Package
TS324CD
DIP-14
TS324CS
0 ~ +70
oC
SOP-14
Block Diagram
Absolute Maximum Rating
Supply Voltage
Vcc, Vcc/Vee
+32 or ±16
Vdc
Differential Input Voltage (note 1)
VIDR
32
Vdc
Input Common Mode Voltage Range (note 2)
Input Forward Current (note 3)
VICR
Iif
-0.3 to 32
50
Vdc
mA
Output Short Circuit Duration
Isc
Continuous
mA
Operating Junction Temperature Range
TJ
0 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
NOTE :
1. Split Power Supplies.
2. For supply. Voltages less than 32V for the PJ324 the absolute maximum input voltage is equal to the supply voltage.
3. This input current will only exist when the voltage is negative at any of the input leads. Normal output states will
reestablish when the input voltage returns to a voltage greater than -0.3V.
Pin assignment:
1. Output A
14. Output D
2. Input A (-)
13. Input D (-)
3. Input A (+) 12. Input D (+)
4. Vcc
11. Gnd
5. Input B (+)
10. Input C (+)
6. Input B (-)
9. Input C (-)
7. Output B
8. Output C
SOP-14
DIP-14


Similar Part No. - TS324

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
TS324 TSC-TS324 Datasheet
345Kb / 8P
Low Power Quad Operational Amplifiers
TS324CD14C4 TSC-TS324CD14C4 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
TS324CS14RL TSC-TS324CS14RL Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
More results

Similar Description - TS324

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2059 NJRC-NJM2059 Datasheet
242Kb / 6P
QUAD OPERATIONAL AMPLIFIER?
logo
Toshiba Semiconductor
TA75902P TOSHIBA-TA75902P Datasheet
321Kb / 10P
QUAD OPERATIONAL AMPLIFIER
logo
Samsung semiconductor
KA224 SAMSUNG-KA224 Datasheet
376Kb / 8P
QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17324 HITACHI-HA17324 Datasheet
55Kb / 11P
Quad Operational Amplifier
HA17902 HITACHI-HA17902 Datasheet
67Kb / 14P
Quad Operational Amplifier
logo
Taiwan Semiconductor Co...
TS258 TSC-TS258 Datasheet
168Kb / 6P
Dual Operating Amplifier
TS358 TSC-TS358 Datasheet
166Kb / 6P
Dual Operating Amplifier
TS2902 TSC-TS2902 Datasheet
146Kb / 6P
Quad Operating Amplifier
logo
Fairchild Semiconductor
KA324DTF FAIRCHILD-KA324DTF Datasheet
177Kb / 12P
Quad Operational Amplifier
KA324ADTF FAIRCHILD-KA324ADTF Datasheet
177Kb / 12P
Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com