Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS650 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS650
Description  Buck Switching Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS650 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS650 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS650 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS650 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS650 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TS650
3-4
2003/12 rev. A
Typical Application Circuit
Device
Value
Device
Value
R1
5.6K, 1/8W
C1
470pF, 16V
R2
1K,1/8W
C2
470uF, 16V
R3
100ohm, 1/4W
L1
180uH, 2A
R4
100ohm, 1/4W
D1
SK34A
R5
0.33ohm, 1W
Q1
TSB1386CY
R6
300ohm, 1/2W
R7
300ohm, 1/2W
Remark:
* Output = 1.25V * (R1/R2 +1) = 1.25V * (5.6K/1K + 1) = 8.25V @ 3A
* SK34A: Taiwan semiconductor, Schottky 3A/40V in SMA package
* TSB1386CY: Taiwan semiconductor, PNP transistor 5A/20V in SOT-89 package



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com