Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH2012M100AS Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RH2012M100AS
Description  THICK FILM CHIP RESISTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RH2012M100AS Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RH2012M100AS Datasheet HTML 4Page - List of Unclassifed Manufacturers RH2012M100AS Datasheet HTML 5Page - List of Unclassifed Manufacturers RH2012M100AS Datasheet HTML 6Page - List of Unclassifed Manufacturers RH2012M100AS Datasheet HTML 7Page - List of Unclassifed Manufacturers RH2012M100AS Datasheet HTML 8Page - List of Unclassifed Manufacturers RH2012M100AS Datasheet HTML 9Page - List of Unclassifed Manufacturers RH2012M100AS Datasheet HTML 10Page - List of Unclassifed Manufacturers RH2012M100AS Datasheet HTML 11Page - List of Unclassifed Manufacturers RH2012M100AS Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
13
ELECTRICAL CHARACTERISTICS
Low Temperature
exposure
△R :
±(3%+0.1Ω) of the initial value.
Visual : No evidence of mechanical damage.
Dwell in -55
℃ chamber without loading for 1000±12 hours
Dwell for 60 minutes at Room temperature and
Measure resistance value.
Temperature Cycle
△R :
±(1%+0.1Ω) of the initial value.
Visual : No evidence of mechanical damage.
Perform 100Cycles as follows.
Load Life in
Moisture
Temperature : 40
±2℃
RH : 90~95%
Applying rated voltage for 90 minutes “ON” and
30minutes”OFF”
Duration : 1000 hours
Dwell in Room temperature for 1 hour and measure
resistance value.
No.
Temperature(
℃)
Time(min)
1
-55
±3
30
2
20
±3
15
3
125
±3
30
4
20
±3
15
Item
Specification
Test Method
T
TH
HIIC
CK
K F
FIIL
LM
M C
CH
HIIP
P R
RE
ES
SIIS
ST
TO
OR
RS
S
At R
10
Ω△R :
±5%
At R
1
㏁△R :
±(3% + 0.1Ω)
At R
1
㏁△R :
±5%
Visual : No evidence of mechanical damage.
Load Life in high
Temperature
Temperature : 70
±3℃ at rated voltage.
Applying rated voltage for 90 minutes “ON” and
30minutes”OFF”
Duration : 1000 hours
Dwell in Room temperature for 1 hour and measure
resistance value.
At R
10
Ω△R :
±5%
At R
1
㏁△R :
±(3% + 0.1Ω)
At R
1
㏁△R :
±5%
Heat Resistance
(High Temperature
Exposure)
Dwell in 125
±3℃ chamber without loading for
1000
±12 hours
Dwell in Room temperature for 1 hour and measure
resistance value.
△R :
±(3%+0.1Ω) of the initial value.
Visual : No evidence of mechanical damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com