Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1082 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS1082
Description  10 Amp Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1082 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS1082 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1082 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1082 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1082 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1082 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1082 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
Unless otherwise specified,
Adjust V
IN=2.75V
to 7V and Adjust I
O=10mA
to 10A
Fixed V
IN=4.75V
to 7V and Fixed I
O=10mA
to 10A
(1) Low duty cycle pulse testing with Kelvin connections required.
(2) Bandwidth of 10Hz to10KHz.
(3) 120Hz input ripple(C
ADJ for ADJ)=25
F.
(4) Over Temp. - over specified operating junction temperature range.
VIN - VOUT
IO
TJ
(4)
MIN
TYP
MAX
Output Voltage
(1)
5V
10mA
25
0.99
*V
O
*
1.01
*V
O
*
Fixed Voltage
Over Temp.
0.98
*V
O
*
1.02
*V
O
*
Reference Voltage
(1)
5V
10mA
25
1.238
1.262
Adj Voltage
Over Temp.
1.225
1.275
Line Regulation
(1)
25
0.015
(Vin-Vout=3V)
Over Temp.
0.035
Load Regulation
(1)
25
0.05
0.3
(Vin-Vout=3V)
Over Temp.
0.2
0.4
Dropout Voltage
25
1
VREF=1
+
Over Temp.
1.1
1.3
Current Limit
(Vin-Vout=5V)
Quiescent Current
Fixed Model
Temperature Coefficient
TC
0.005
/
+
25
55
120
Adjust Pin Current Change
IADJ
0.2
5
Temperature Stability
TS
5V
500mA
0.5
Minimum Load Current
Adjust Model
RMS Output Noise
(2)
VN
25
0.003
VO
Ripple Rejection Ratio
(3)
RA
5V
9.5A
Over Temp.
60
72
dB
A
mA
V
A
mA
10.5
12
5
0.2
14
10
Adjust Pin Current
Over Temp.
Over Temp.
9.5
10mA
IQ
IADJ
IO
5V
5V
REG(LINE)
REG(LOAD)
VD
ICL
VREF
1.250
V
TEST CONDITIONS
TEST LIMITS
PARAMETER
SYMBOL
UNITS
VO
VO



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com