Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS79M09CZ Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS79M09CZ
Description  3-Terminal Medium Current Negative Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79M09CZ Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS79M09CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79M09CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79M09CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79M09CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79M09CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79M09CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79M09CZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS79M00 series
1-7
2003/12 rev. A
TS79M00 series
3-Terminal Medium Current Negative Voltage Regulator
Pin assignment:
1.
Ground
2.
Input
3.
Output
(Heatsink surface
connected to Pin 2)
Voltage Range - 5V to - 24V
Output Current up to 0.5A
General Description
The TS79M00 Series negative voltage regulators are identical to the popular TS7900 Series devices, except that they are
specified for only half the output current. Like the TS7900 devices, the TS79M00 Series 3-Terminal regulators are
intended for local, on-card voltage regulation.
Internal current limiting, thermal shutdown circuitry and safe-area compensation for the internal pass transistor combine
to make these devices remarkably rugged under most operating conditions. Maximum output current with adequate
heatsink is 500mA
This series is offered in 3-pin TO-220, TO-252 package.
Features
Output current up to 0.5A
No external components required
Internal thermal overload protection
Internal short-circuit current limiting
Output transistor safe-area compensation
Output voltage offered in 4% tolerance
Ordering Information
Note: Where xx denotes voltage option.
Part No.
Operating Temp.
Package
TS79MxxCZ
TO-220
TS79MxxCP
-20 ~ +125
oC
TO-252
Standard Application
A common ground is required between the input and the
output voltages. The input voltage must remain typically 2.0V
above the output voltage even during the low point on the
Input ripple voltage.
XX = these two digits of the type number indicate voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does improve
transient response.
Absolute Maximum Rating
Input Voltage
Vin *
- 35
V
Input Voltage
Vin **
- 40
V
Power Dissipation
TO-220
TO-220
TO-252
Without heatsink
Pt ***
Without heatsink
2
15
1
W
Operating Junction Temperature Range
TJ
-20 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Note :
* TS79M05 to TS79M18
** TS79M24
*** Follow the derating curve


Similar Part No. - TS79M09CZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00 Datasheet
289Kb / 7P
3-Terminal 500mA Negative Voltage Regulator
TS79M00A TSC-TS79M00A Datasheet
494Kb / 10P
3-Terminal 500mA Negative Voltage Regulator
TS79M00 TSC-TS79M00_10 Datasheet
273Kb / 7P
3-Terminal 500mA Negative Voltage Regulator
TS79M00 TSC-TS79M00_14 Datasheet
289Kb / 7P
3-Terminal 500mA Negative Voltage Regulator
TS79M05ACPRO TSC-TS79M05ACPRO Datasheet
494Kb / 10P
3-Terminal 500mA Negative Voltage Regulator
More results

Similar Description - TS79M09CZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337M ONSEMI-LM337M Datasheet
158Kb / 8P
MEDIUM CURRENT THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00 Datasheet
140Kb / 8P
3-Terminal Low Current Negative Voltage Regulator
logo
Cystech Electonics Corp...
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
3-Terminal Negative Voltage Regulator
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
3-Terminal Negative Voltage Regulator
logo
List of Unclassifed Man...
NJM79L05UA-TE1 ETC2-NJM79L05UA-TE1 Datasheet
246Kb / 7P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
New Japan Radio
NJM7918FA NJRC-NJM7918FA Datasheet
427Kb / 8P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com