Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2576 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2576
Description  3A Step Down Switching Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2576 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2576 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2576 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS2576
1-7
2003/12 rev. A
TS2576
3A Step Down Switching Voltage Regulator
Pin assignment:
1. Input
2. Output
3. Ground
4. Feedback
5. Enable
52KHz Oscillating Frequency
Output Current up to 3A
Enable Input Control
General Description
The TS2576 Series are step-down switching regulators with all required active functions. It is capable of driving 3A load
with excellent line and load regulations. These devices are available in fixed output voltages of 3.3V, 5V, and an
adjustable output version.
The TS2576 series offers a high-efficiency replacement for popular three-terminal linear regulators. Also it requires a
minimum number of external components. It substantially not only reduces the area of board size but also the size of heat
sink, and in some cases no heat sink is required. The ±4% tolerance on output voltage within specified input voltages and
output load conditions is guaranteed. Also, the oscillator frequency accuracy is within ±10%. External shutdown is
included. Featuring 70µA (typical) standby current. The output switch includes cycle-by-cycle current limiting, as well as
thermal shutdown for full protection under fault conditions.
This series are offered in 5-pin TO-263, TO-220 package.
Features
Guaranteed 3A output current
3.3V, 5V, and adjustable versions
Wide input voltage range, up to 40V
Internal oscillator of 52KHz fixed frequency
Wide adjust version output voltage range, from 1.23V
to 37V ±4% max. at over line and load conditions.
Low standby current, typ. 70µA, at shutdown mode
Requires only 4 external components
Thermal shutdown and current limit protection
P+ product enhancement tested
Ordering Information
Note: Where xx denotes voltage option, available are
12V, 5V and 3.3V. Leave blank for adjustable
version. Contact factory for additional voltage
options.
Part No.
Operating Temp.
(Ambient)
Package
TS2576CZ5-xx
TS2576CZ5
TO-220-5L
TS2576CM5-xx
TS2576CM5
-20 ~ +85
oC
TO-263-5L
Applications
LCD Monitors
ADD-ON Cards Switching Regulators
High Efficiency Step-Down Regulators
Efficient Pre-regulator for Linear Regulators
Positive to Negative converter (Buck-Boost)
Absolute Maximum Rating
Input Voltage
Vin
+45
V
ENABLE Pin Input Voltage
Vin (operate)
-0.3V ≤ V ≤ Vin
V
Power Dissipation
PD
Internal Limited
W
Operating Junction Temperature Range
TJ
-0 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
TO-220-5L / TO-263-5L Package
5
S


Similar Part No. - TS2576

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
395Kb / 8P
3A / 52KHz Buck Switching Regulator
TS2576CM5 TSC-TS2576CM5 Datasheet
395Kb / 8P
3A / 52KHz Buck Switching Regulator
TS2576CM5RN TSC-TS2576CM5RN Datasheet
398Kb / 8P
3A / 52KHz Buck Switching Regulator
TS2576CZ5 TSC-TS2576CZ5 Datasheet
395Kb / 8P
3A / 52KHz Buck Switching Regulator
TS2576CZ5C0 TSC-TS2576CZ5C0 Datasheet
398Kb / 8P
3A / 52KHz Buck Switching Regulator
More results

Similar Description - TS2576

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596 Datasheet
131Kb / 6P
3A Step Down Switching Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
3A STEP-DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
3A STEP-DOWN VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
3A STEP DOWN VOLTAGE REGULATOR
logo
Unisonic Technologies
P2576 UTC-P2576 Datasheet
295Kb / 8P
3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
3A Step-Down Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
P2576 UTC-P2576_15 Datasheet
305Kb / 8P
3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com