Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTC4083 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC4083
Description  High-Frequency Amplifier Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4083 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC4083 Datasheet HTML 1Page - First Silicon Co., Ltd FTC4083 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-Frequency Amplifier Transistor
(11V, 50mA, 3.2GHz)
2
EMITTER
3
COLLECTOR
1
BASE
2011. 8. 12
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTC4083
Revision No : 0
1
3
2
SC-70
Features
1) High transition frequency. (Typ. fT= 3.2GHz)
2) Small rbb’*Cc and high gain. (Typ. 4ps)
3) Small NF.
Absolute maximum ratings
(Ta=25
oC)
Parameter
Symbol
VCBO
V
CEO
VEBO
I
C
P
C
T
T
stg
Limits
20
11
3
50
0.2
150
- 55~+150
Unit
V
V
V
mA
W
o
C
o
C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
j
Electrical characteristics (Ta=25
oC)
s
n
o
i
t
i
d
n
o
C
t
i
n
U
.
x
a
M
.
p
y
T
.
n
i
M
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
fT
Cob
rbb'·Cc
NF
20
11
3
56
1.4
3.2
0.8
0.5
0.5
120
1.5
V
V
V
uA
uA
GHz
pF
IC =10µA
IC = 1mA
IE = 10µA
VCB = 10V
VEB = 2V
VCE(sat)
0.5
V
IC/IB = 10mA/5mA
VCE/IC = 10V/5mA
VCB = 10V , IC = 10mA , f= 500MHz
VCB = 10V , IE = 0A , f= 1MHz
VCB = 10V , IC = 10mA , f= 31.8MHz
VCE = 6V , IC = 2mA , f= 500MHz , Rg= 50Ω
3.5
dB
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Transition frequency
Output capacitance
Collector-emitter saturation voltage
Collector-base time constant
Noise factor
ps
4
12
Device
Marking
Shipping
3000/Tape&Reel
FTC4083
4N
10000/Tape&Reel
FTC4083
4N


Similar Part No. - FTC4083

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC4081 FS-FTC4081 Datasheet
128Kb / 6P
General Purpose Transistors NPN Silicon
FTC4081-Q FS-FTC4081-Q Datasheet
128Kb / 6P
General Purpose Transistors NPN Silicon
FTC4081-R FS-FTC4081-R Datasheet
128Kb / 6P
General Purpose Transistors NPN Silicon
FTC4081-S FS-FTC4081-S Datasheet
128Kb / 6P
General Purpose Transistors NPN Silicon
More results

Similar Description - FTC4083

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3838 UTC-2SC3838 Datasheet
88Kb / 2P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Guangdong Kexin Industr...
2SC3838K KEXIN-2SC3838K Datasheet
38Kb / 1P
High-Frequency Amplifier Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2SC2058 SEMTECH_ELEC-ST2SC2058 Datasheet
138Kb / 2P
High-frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_11 Datasheet
134Kb / 2P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC4083PWT1G LRC-L2SC4083PWT1G_11 Datasheet
150Kb / 2P
High-Frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G Datasheet
153Kb / 2P
High-Frequency Amplifier Transistor
L2SC3356WT1G LRC-L2SC3356WT1G_15 Datasheet
173Kb / 4P
High frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G_15 Datasheet
186Kb / 2P
High-Frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_15 Datasheet
154Kb / 3P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC3837DW1T1 LRC-L2SC3837DW1T1 Datasheet
53Kb / 2P
High-Frequency Amplifier Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com