Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD112 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MJD112
Description  TRANSISTOR (NPN)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MJD112 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MJD112 Datasheet HTML 1Page - First Silicon Co., Ltd MJD112 Datasheet HTML 2Page - First Silicon Co., Ltd MJD112 Datasheet HTML 3Page - First Silicon Co., Ltd MJD112 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MJD112
TRANSISTOR (NPN)
FEATURES
ComplementaryDarlington Power Transistors
Dpak forSurface Mount Applications
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=1mA,IE=0
100
V
Collector-emitter breakdown voltage
V(BR)CEO
IC =30mA,IB=0
100
V
Emitter-base breakdown voltage
V(BR)EBO
IE=5mA,IC=0
5
V
Collector cut-off current
ICBO
VCB=100V,IE=0
20
µA
Collector-emitter cut-off current
ICEO
VCE=50V,IE=0
20
µA
Emitter cut-off current
IEBO
VEB=5V,IC
A
m
2
0
=
hFE(1)
VCE=3V,IC=500mA
500
hFE(2)
VCE=3V,IC=2A
1000
12000
DC current gain
hFE(3)
VCE=3V,IC=4A
200
VCE(sat)1
IC=2A,IB=8mA
2
V
Collector-emitter saturation voltage
VCE(sat)2
IC=4A,IB=40mA
3
V
Base-emitter voltage
VBE
VCE=3V,IC=2A
2.8
V
Transition frequency
fT
VCE=10V,IC=0.75A,f=1MHz
25
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=0.1MHz
100
pF
TO-252-2L
1. BASE
2. COLLECTOR
3. EMITTER
SEMICONDUCTOR
TECHNICAL DATA
MJD112
2018. 02. 08
1/4
Revision No : 0
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
2
A
PC
Collector Power Dissipation
1
W
R JC
Thermal resistance, junction to case
6.25
℃/W
R JA
Thermal resistance, junction to Ambient
71.4
℃/W
TJ
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
℃
Tstg
0
5
1
-
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃


Similar Part No. - MJD112

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
logo
ON Semiconductor
MJD112 ONSEMI-MJD112 Datasheet
147Kb / 8P
Complementary Darlington Power Transistors
August, 2004 ??Rev. 5
logo
STMicroelectronics
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Sep-1997
logo
KEC(Korea Electronics)
MJD112 KEC-MJD112 Datasheet
394Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.)
logo
Fairchild Semiconductor
MJD112 FAIRCHILD-MJD112 Datasheet
51Kb / 5P
D-PAK for Surface Mount Applications
More results

Similar Description - MJD112

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com