Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA42F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MMBTA42F
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBTA42F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MMBTA42F Datasheet HTML 1Page - First Silicon Co., Ltd MMBTA42F Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
MMBTA42F
2012. 01. 13
1/2
Revision No : 0
SOT-89
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.7 MAX
0.7 MIN
0.5+0.15/-0.10
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
1
2
3
F
D
+
_
+
_
1. BASE
2. COLLECTOR
3. EMITTER
MMBTA42F
TRANSISTOR (NPN)
FEATURES
Low Collector-Emitter Saturation Voltage
High Breakdown Voltage
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
Unit
VCBO
Collector-Base Voltage
300
V
VCEO
Collector-Emitter Voltage
300
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
200
mA
ICM
Collector Current -Pulsed
500
mA
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance from Junction to Ambient
250
℃/W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA,IE=0
300
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
300
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA,IC=0
5
V
ICBO
VCB=200V,IE=0
0.25
µA
VCE=200V,IB=0
0.25
µA
Collector cut-off current
ICEO
VCE=300V,IB=0
5
µA
Emitter cut-off current
IEBO
VEB=5V,IC 0
=
0.1
µA
hFE(1)
VCE=10V, IC=1mA
60
hFE(2)
VCE=10V, IC=10mA
80
250
DC current gain
hFE(3)
VCE=10V, IC=30mA
75
Collector-emitter saturation voltage
VCE(sat)
IC=20mA,IB=2mA
0.2
V
Base-emitter saturation voltage
VBE(sat)
IC=20mA,IB=2mA
0.9
V
Transition frequency
fT
VCE=20V,IC=10mA, f=30MHz
50
MHz
MARKING : A42


Similar Part No. - MMBTA42F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBTA42 PHILIPS-MMBTA42 Datasheet
43Kb / 8P
NPN high-voltage transistor
2000 Apr 11
logo
STMicroelectronics
MMBTA42 STMICROELECTRONICS-MMBTA42 Datasheet
56Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
Jan-2003
logo
Transys Electronics
MMBTA42 TRSYS-MMBTA42 Datasheet
137Kb / 1P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBTA42 ZOWIE-MMBTA42 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBTA42 FAIRCHILD-MMBTA42 Datasheet
657Kb / 14P
NPN High Voltage Amplifier
More results

Similar Description - MMBTA42F

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com