Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA44F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MMBTA44F
Description  Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBTA44F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MMBTA44F Datasheet HTML 1Page - First Silicon Co., Ltd MMBTA44F Datasheet HTML 2Page - First Silicon Co., Ltd MMBTA44F Datasheet HTML 3Page - First Silicon Co., Ltd MMBTA44F Datasheet HTML 4Page - First Silicon Co., Ltd MMBTA44F Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
200
400
600
800
1000
0
50
100
150
200
250
300
0
1
1
1
.
0
1
10
100
1000
0
0
1
0
1
1
10
100
1000
0
0
1
0
1
1
200
400
600
800
1000
0
0
1
0
1
1
0
50
100
150
200
250
0
5
10
15
20
25
0
5
10
15
20
25
30
35
V
CE=10V
T
a=25
℃
T
a=100
oC
BASE-EMITTER VOLTAGE
V
BE(mV)
I
C ——
V
BE
20
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB / VEB
C
ob / Cib
——
C
ib
C
ob
V
CE= 10V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE ——
300
300
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=10
I
C
V
BEsat ——
300
T
a=25
℃
T
a=100
℃
β=10
V
CEsat ——
I
C
COLLECTOR CURRENT I
C
(mA)
200uA
180uA
160uA
140uA
COMMON
EMITTER
T
a=25
℃
80uA
120uA
100uA
60uA
40uA
I
B=20uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
Typical Characteristics
MMBTA44F
2019. 12. 02
2/5
Revision No : 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com