Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA93 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # MMBTA93
Description  HighVoltageTransistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBTA93 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  MMBTA93 Datasheet HTML 1Page - First Silicon Co., Ltd MMBTA93 Datasheet HTML 2Page - First Silicon Co., Ltd MMBTA93 Datasheet HTML 3Page - First Silicon Co., Ltd MMBTA93 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
T J = +125°C
I C , COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
V R , REVERSE VOLTAGE (VOLTS)
Figure 2. Capacitances
I C , COLLECTOR CURRENT (mA)
Figure 3. Current–Gain — Bandwidth Product
I C , COLLECTOR CURRENT (mA)
Figure 4. “On” Voltages
+25°C
–55°C
V CE = –10 Vdc
C cb
C ib
T J = 25°C
V CE = –20 Vdc
V CE(sat) @ I C /I B = 10 mA
V BE @ V CE = –10 V
100
50
20
10
5 0
2 0
1 0
–0.1 –0.2
–0.5 –1.0 –2.0
–5.0 –10 –20
–50 –100 –200 –500 –1000
150
100
70
50
30
20
15
–1.0
–2 0
–3.0
–5.0
–7.0
–10
–20
–30
–50
–80 –100
100
80
60
40
30
20
0
–1 0
–2.0
–5.0
–10
–20
–50
–100
–1.0
–0.8
–0.6
–0.4
–0.2
0
–1.0
–2.0
–5.0
–10
–20
–50
–100
2007. 12. 18
3/4
Revision No : 0
MMBTA92/93



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com