Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPE05F6S8 Datasheet(PDF) 2 Page - TECH PUBLIC Electronics co LTD

Part # TPE05F6S8
Description  Low Capacitance 6-Line ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPE05F6S8 Datasheet(HTML) 2 Page - TECH PUBLIC Electronics co LTD

  TPE05F6S8 Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPE05F6S8 Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPE05F6S8 Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPE05F6S8 Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WWW.TECHPUBLIC.COM.TW
Absolute Maximum Ratings (TA=25°C unless otherwise specified)
Electrical Characteristics (TA=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppk
W
Peak Pulse Current (8/20µs)
IPP
2.2
A
ESD per IEC 61000−4−2 (Air)
ESD per IEC 61000−4−2 (Contact)
VESD
±15
±8
kV
Operating Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
30
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
5
V
Breakdown Voltage
VBR
6
V
IT = 1mA, any I/O to GND
Reverse Leakage Current
IR
0.02
µA
VRWM = 5V
Clamping Voltage
VC
11
V
IPP = 1A (8 x 20µs pulse)
Clamping Voltage
VC
V
IPP = 2A (8 x 20µs pulse)
Junction Capacitance
CJ
12
pF
VR = 0V, f = 1MHz, any I/O to
GND
14
TPE05F6S8
Low Capacitance 6-Line ESD Protection
www.sot23.com.tw



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com