Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPESD0502S6 Datasheet(PDF) 1 Page - TECH PUBLIC Electronics co LTD

Part # TPESD0502S6
Description  Low Capacitance 2-Line ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPESD0502S6 Datasheet(HTML) 1 Page - TECH PUBLIC Electronics co LTD

  TPESD0502S6 Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPESD0502S6 Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPESD0502S6 Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPESD0502S6 Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPESD0502S6
Features
Mechanical Characteristics
Applications
UL Flammability Classification Rating 94V-0
Low Capacitance 2-Line ESD Protection
Ordering Information
Part Number
Qty per Reel
Reel Size
7”
3000
Pb-Free, Halogen Free, RoHS/WEEE Compliant
WWW.TECHPUBLIC.COM.TW
A
Package: SOT23-6
Lead Finish: Matte Tin
I/O1
I/O1
I/O2
I/O2
GND
VBUS
Dimensions and Pin Configuration
IEC61000-4-2 ESD 15KV Air,8KV contact compliance
Small SOT23-6L surface mount package
Protects three data lines
Working voltage : 5V
Low leakage current and low clamping voltage
Solid-state silicon avalanche technology
Lead Free/RoHS compliant
Solder reflow temperature:Pure Tin-Sn,260-270
Flammability rating UL 94V-0
USB 2.0 interface
10/100 Ethernet
Personal digital assistants (PDA's)
Notebooks, Desktops and Servers
Portable instrumentation
Digital cameras
TPESD0502S6
1
www.sot23.com.tw


Similar Part No. - TPESD0502S6

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD0502N TECHPUBLIC-TPESD0502N Datasheet
1Mb / 4P
Low Capacitance TVS Diode Array
TPESD0502P2 TECHPUBLIC-TPESD0502P2 Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode
More results

Similar Description - TPESD0502S6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DVIULC6-2X6 STMICROELECTRONICS-DVIULC6-2X6_06 Datasheet
50Kb / 3P
Ultra Low Capacitance 2 line ESD protection
14-Nov-2006
logo
SYNC POWER Crop.
SPE6V8UN SYNC-POWER-SPE6V8UN Datasheet
229Kb / 5P
Ultra Low Capacitance 2 -Line ESD Protection Array
SPE0582 SYNC-POWER-SPE0582 Datasheet
200Kb / 6P
Ultra Low Capacitance 2 -Line ESD Protection Array
SPE6V8UN SYNC-POWER-SPE6V8UN_11 Datasheet
231Kb / 7P
Ultra Low Capacitance 2 -Line ESD Protection Array
logo
Semtech Corporation
RCLAMP0552T SEMTECH-RCLAMP0552T Datasheet
147Kb / 7P
Ultra Low Capacitance TVS 2-Line ESD Protection
logo
Vishay Siliconix
VBUS052BD-HTF VISHAY-VBUS052BD-HTF Datasheet
146Kb / 6P
Low Capacitance, 2-Line ESD Protection Diode
03-May-17
logo
Semtech Corporation
RCLAMP3522T SEMTECH-RCLAMP3522T Datasheet
405Kb / 8P
Ultra-Low Capacitance 2-Line, 3.5V ESD protection
logo
Vishay Siliconix
VBUS052BD-HTF VISHAY-VBUS052BD-HTF_V01 Datasheet
152Kb / 6P
Low Capacitance, 2-Line ESD Protection Diode
04-Jan-2018
logo
First Silicon Co., Ltd
FTVE7205RX3 FS-FTVE7205RX3 Datasheet
243Kb / 4P
Ultra-Low Capacitance 2-Line ESD Protection
2022. 05. 19 Revision No : 0
logo
TECH PUBLIC Electronics...
TPESD7L5.0DT5G TECHPUBLIC-TPESD7L5.0DT5G Datasheet
958Kb / 4P
Ultra-Low Capacitance 2-Line ESD Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com