Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1730757 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1730757
Description  Printed-circuit board connector - MSTB 2,5/ 3-ST BD:3-1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1730757 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1730757 Datasheet HTML 1Page - PHOENIX CONTACT 1730757 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1730757
03/19/2014   Page 1 / 2
Printed-circuit board connector - MSTB 2,5/ 3-ST BD:3-1 - 1730757
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Number of positions: 3, Pitch: 5 mm, Connection method: Screw
connection, Color: green, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
5.28 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
Dimension a
10 mm
General
Range of articles
MSTB 2,5/..-ST
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Number of positions
3
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1 mm²
2 conductors with same cross section, stranded min.
0.2 mm²


Similar Part No. - 1730757

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1730750000 WEIDMULLER-1730750000 Datasheet
312Kb / 22P
System pitch 5.00 mm (0.197 inch) BL 5.00/02/180 SN BK BX
February 14, 2011 12:47:53 PM
1730750000 WEIDMULLER-1730750000 Datasheet
61Kb / 1P
Omnimate Range - 5.00 mm Pitch
1730750000 WEIDMULLER-1730750000 Datasheet
93Kb / 5P
BL 5.00/12 SN SW
1730750000 WEIDMULLER-1730750000 Datasheet
93Kb / 5P
BL 5.00/2 SN OR
1730750000 WEIDMULLER-1730750000 Datasheet
93Kb / 5P
BL 5.00/3 SN OR
More results

Similar Description - 1730757

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1762208 PHOENIX-1762208 Datasheet
122Kb / 6P
MSTB 2,5/ 3-ST-5,08 BD: 1-3
1765344 PHOENIX-1765344 Datasheet
107Kb / 5P
MSTB 2,5/ 3-ST BD: 1-3
1828090 PHOENIX-1828090 Datasheet
341Kb / 13P
Printed-circuit board connector - MSTB 2,5/ 6-ST BD: 1-6
1722338 PHOENIX-1722338 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 3-ST-5,08 BD:1-3
1730760 PHOENIX-1730760 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 4-ST BD:4-1
1876589 PHOENIX-1876589 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 3-ST BD:1-3
1918890 PHOENIX-1918890 Datasheet
417Kb / 18P
Printed-circuit board connector - MSTB 2,5/ 3-ST BD:3-1 SO
1702788 PHOENIX-1702788 Datasheet
91Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 3-ST BD:9-11SOFS2,5
12/07/2018
1713648 PHOENIX-1713648 Datasheet
84Kb / 3P
Printed-circuit board connector - FKCT 2,5/ 3-ST BU BD:3-1
11/04/2018
1966318 PHOENIX-1966318 Datasheet
89Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 3-ST BD:9-11
11/05/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com