Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB30CA Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # P6SMB30CA
Description  Surface Mount Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6SMB30CA Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  P6SMB30CA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6SMB30CA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6SMB30CA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6SMB30CA Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
- 621 -
RATINGS AND CHARACTERISTIC CURVES (P6SMB SERIES)
FIG.5- TYPICAL REVERSE LEAKAGE CHARACTERASTICS
MEASURED AT DEVICES
STAND-OFF
VOLTAGE, VWM
T = 25 C
J
O
V
, BREAKDOWN VOLTAGE. VOLTS
(BR)
0
100
200
300
400
500
1000
100
10
1
0.1
0.01
0.001
FIG.6- TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
V
, BREAKDOWN VOLTAGE. VOLTS
(BR)
MEASURED at
ZERO BIAS
Tj =25 C
f = 1.0MHz
Vsig = 50 mVp-p
O
MEASURED at
STAND-OFF
VOLTAGE, VWM
1
10
100
200
10
100
1000
6000
FIG.1- PEAK PULSE POWER RATING CURVE
tp, PULSE WIDTH, sec.
0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
0.1
1
10
100
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
T = 25 C
J
O
FIG.3- PULSE WAVEFORM
t, TIME, ms
0
1.0
2.0
3.0
4.0
0
50
100
150
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS
to 50% of IPPM
Half Value - I
PPM
2
10/1000 sec. WAVEFORM
as DEFINED by R.E.A.
FIG.2- PULSE DERATING CURVE
TA, AMBIENT TEMPERATURE. ( C)
O
0
25
50
75
100
125
150
175
200
0
25
50
75
100
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
1
2
4
6
8
10
20
40
60
80
100
10
50
100
200
tr = 10 sec
Peak Value
IPPM
td



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com