Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS7008-2EPA Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # BTS7008-2EPA
Description  PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7008-2EPA Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button BTS7008-2EPA Datasheet HTML 35Page - Infineon Technologies AG BTS7008-2EPA Datasheet HTML 36Page - Infineon Technologies AG BTS7008-2EPA Datasheet HTML 37Page - Infineon Technologies AG BTS7008-2EPA Datasheet HTML 38Page - Infineon Technologies AG BTS7008-2EPA Datasheet HTML 39Page - Infineon Technologies AG BTS7008-2EPA Datasheet HTML 40Page - Infineon Technologies AG BTS7008-2EPA Datasheet HTML 41Page - Infineon Technologies AG BTS7008-2EPA Datasheet HTML 42Page - Infineon Technologies AG BTS7008-2EPA Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
Data Sheet
39
Rev. 1.14
2019-10-15
BTS7008-2EPA
PROFET™+2 12V
Protection
8.7
Electrical Characteristics Protection - Power Output Stages
VS = 6 V to 18 V, TJ = -40 °C to +150 °C
Typical values: VS = 13.5 V, TJ= 25 °C
Typical resistive loads connected to the outputs for testing (unless otherwise specified):
RL = 3.3 Ω
8.7.1
Protection Power Output Stage - 8 mΩ
Auto Retry Time after Fault
Condition
tRETRY
40
70
100
ms
1)
See Figure 27 and
Figure 28
P_8.6.1.5
Counter Reset Delay Time
after Fault Condition
tDELAY(CR)
40
70
100
ms
1)
See Figure 27 and
Figure 28
P_8.6.1.6
Minimum DEN Pulse
Duration for Counter Reset
tDEN(CR)
50
100
150
µs
2)
See Figure 30
P_8.6.1.7
1) Functional test only.
2) Not subject to production test - specified by design.
Table 17
Electrical Characteristics: Protection - 8 mΩ
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Overload Detection Current
at TJ = -40 °C
IL(OVL0)_-40
77
88
99
A
1)
TJ = -40 °C
dI/dt = 0.4 A/µs
see Figure 24 and
Figure 25
P_8.7.1.1
Overload Detection Current
at TJ = 25 °C
IL(OVL0)_25
77
88
99
A
2)
TJ = 25 °C
dI/dt = 0.4 A/µs
see Figure 24 and
Figure 25
P_8.7.1.7
Overload Detection Current
at TJ = 150 °C
IL(OVL0)_150
65
75
85
A
2)
TJ = 150 °C
dI/dt = 0.4 A/µs
see Figure 24 and
Figure 25
P_8.7.1.8
Table 16
Electrical Characteristics: Protection - PROFET™ (continued)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com