Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC6103 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC6103
Description  Silicon P Channel MOS Type (U-MOS III)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6103 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC6103 Datasheet HTML 1Page - Toshiba Semiconductor TPC6103 Datasheet HTML 2Page - Toshiba Semiconductor TPC6103 Datasheet HTML 3Page - Toshiba Semiconductor TPC6103 Datasheet HTML 4Page - Toshiba Semiconductor TPC6103 Datasheet HTML 5Page - Toshiba Semiconductor TPC6103 Datasheet HTML 6Page - Toshiba Semiconductor TPC6103 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC6103
2004-07-06
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPC6103
Notebook PC Applications
Portable Equipment Applications
• Low drain-source ON resistance: RDS (ON) = 29 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 13 S (typ.)
• Low leakage current: IDSS = −10 µA (max) (VDS = −12 V)
• Enhancement mode: Vth = −0.5 to −1.2 V
(VDS = −10 V,ID = −200 µA)
Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−12
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−12
V
Gate-source voltage
VGSS
±8
V
DC
(Note 1)
ID
−5.5
Drain current
Pulse (Note 1)
IDP
−22
A
Drain power dissipation
(t
= 5 s)
(Note 2a)
PD
2.2
W
Drain power dissipation
(t
= 5 s)
(Note 2b)
PD
0.7
W
Single pulse avalanche energy
(Note 3)
EAS
5.3
mJ
Avalanche current
IAR
−2.75
A
Repetitive avalanche energy (Note 4)
EAR
0.22
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to
ambient (t
= 5 s)
(Note 2a)
Rth (ch-a)
56.8
°C/W
Thermal resistance, channel to
ambient (t
= 5 s)
(Note 2b)
Rth (ch-a)
178.5
°C/W
Note 1, (ote 2, Note 3, Note 4 and Note 5: See the next page.
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-3T1A
Weight: 0.011 g (typ.)
Circuit Configuration
6
4
1
2
3
5


Similar Part No. - TPC6103

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6103 TOSHIBA-TPC6103 Datasheet
282Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6103 TOSHIBA-TPC6103 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC6103 VBSEMI-TPC6103 Datasheet
445Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Toshiba Semiconductor
TPC6103 TOSHIBA-TPC6103_06 Datasheet
282Kb / 7P
Notebook PC Applications Portable Equipment Applications
More results

Similar Description - TPC6103

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8102 TOSHIBA-TPCF8102 Datasheet
224Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPC8112 TOSHIBA-TPC8112 Datasheet
258Kb / 4P
Field Effect Transistor Silicon P Channel MOS Type(U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC6105 TOSHIBA-TPC6105_06 Datasheet
259Kb / 7P
Silicon P Channel MOS Type (U-MOS III)
TPCA8105 TOSHIBA-TPCA8105 Datasheet
291Kb / 7P
Silicon P Channel MOS Type (U-MOS III) Notebook PC Applications
TPCP8302 TOSHIBA-TPCP8302_08 Datasheet
272Kb / 7P
Silicon P Channel MOS Type (U-MOS??
TPC8127 TOSHIBA-TPC8127 Datasheet
222Kb / 7P
Silicon P Channel MOS Type (U-MOS??
TPCA8109 TOSHIBA-TPCA8109 Datasheet
238Kb / 7P
Silicon P Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com