Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2070 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2070
Description  FOUR-PORT USB HUB POWER CONTROLLERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2070 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS2070 Datasheet HTML 21Page - Texas Instruments TPS2070 Datasheet HTML 22Page - Texas Instruments TPS2070 Datasheet HTML 23Page - Texas Instruments TPS2070 Datasheet HTML 24Page - Texas Instruments TPS2070 Datasheet HTML 25Page - Texas Instruments TPS2070 Datasheet HTML 26Page - Texas Instruments TPS2070 Datasheet HTML 27Page - Texas Instruments TPS2070 Datasheet HTML 28Page - Texas Instruments TPS2070 Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
TPS2070, TPS2071
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS287A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
DAP (R-PDSO-G**)
PowerPAD
 PLASTIC SMALL-OUTLINE PACKAGE
0,25
0,75
0,50
0,15 NOM
Gage Plane
NOM
6,20
8,40
7,80
Thermal Pad
(see Note D)
38
12,60
11,10
32
Seating Plane
12,40
10,90
4073257/A 07/97
20
0,19
19
A
0,30
38
1
9,80
28
A MAX
PINS **
9,60
A MIN
DIM
1,20 MAX
10,90
11,10
30
38 PINS SHOWN
0,10
0,65
M
0,13
0
°–8°
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. The package thermal performance may be enhanced by bonding the thermal pad to an external thermal plane.
This pad is electrically and thermally connected to the backside of the die and possibly selected leads.
E. Falls within JEDEC MO-153
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com