Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2070DAP Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2070DAP
Description  FOUR-PORT USB HUB POWER CONTROLLERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2070DAP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS2070DAP Datasheet HTML 21Page - Texas Instruments TPS2070DAP Datasheet HTML 22Page - Texas Instruments TPS2070DAP Datasheet HTML 23Page - Texas Instruments TPS2070DAP Datasheet HTML 24Page - Texas Instruments TPS2070DAP Datasheet HTML 25Page - Texas Instruments TPS2070DAP Datasheet HTML 26Page - Texas Instruments TPS2070DAP Datasheet HTML 27Page - Texas Instruments TPS2070DAP Datasheet HTML 28Page - Texas Instruments TPS2070DAP Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
TPS2070, TPS2071
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS287A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
USB hybrid hub
A USB hybrid hub can be simply implemented using the TPS2071 USB power controller and a TUSB2046 USB
hub controller as shown in Figure 38. The TPS2071 USB power controller provides all the power needs to the
four downstream ports and meets all the USB power specifications for both self-powered hubs and bus-powered
hubs. The power controllers integrated 3.3-V LDO is used to provide power for the hub controller and any other
local functions (e.g. transient suppressor SN75240 ), which saves board space and cost. The TPS2071 also
provides the hub controller with a power good (PG) signal that connects to the RESET input of the hub controller
to automatically reinitialize the hub when switching between self-powered mode and bus-powered mode
whenever the self-power supply is connected or disconnected. The amount of time in which the hub controller
is kept in a reset state is controlled by a capacitor connected between the PG_DLY pin of the power controller
and ground.
By using an external N-channel MOSFET and the TPS2071 internal voltage-regulator controller, a regulated
5-V self-powered source can be generated from an input voltage range of 6 V to 9 V (see Figure 38). In this
configuration, the internal voltage regulator controller is enabled by connecting the EN_REG input to the BP
input. Using the internal voltage regulator controller also requires connecting a 0.01
µF capacitor between CP_P
and CP_M of the TPS2071 power controller. Also, a 0.1-
µF capacitor is needed between VCP of the power
controller and ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com