Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA14 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MMBTA14
Description  DarlingtonAmplifier Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBTA14 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MMBTA14 Datasheet HTML 1Page - First Silicon Co., Ltd MMBTA14 Datasheet HTML 2Page - First Silicon Co., Ltd MMBTA14 Datasheet HTML 3Page - First Silicon Co., Ltd MMBTA14 Datasheet HTML 4Page - First Silicon Co., Ltd MMBTA14 Datasheet HTML 5Page - First Silicon Co., Ltd MMBTA14 Datasheet HTML 6Page - First Silicon Co., Ltd MMBTA14 Datasheet HTML 7Page - First Silicon Co., Ltd MMBTA14 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SOT–23
2013. 02. 04
1/6
SEMICONDUCTOR
TECHNICAL DATA
MMBTA14
Revision No : 0
1
3
2
Darlington Amplifier Transistors
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CES
30
Vdc
Collector–Base Voltage
V CBO
30
Vdc
Emitter–Base Voltage
V EBO
10
Vdc
Collector Current — Continuous
I C
300
mAdc
MMBTA13
1M
3000/Tape & Reel
Device
Marking
Shipping
MMBTA14
1N
3000/Tape & Reel
ORDERING INFORMATION
We declare that the material of product
compliance with RoHS requirements.
2
EMITTER
3
1
BASE
COLLECTOR
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
225
mW
TA = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
556
°C/W
Total Device Dissipation
P D
300
mW
Alumina Substrate, (2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
MMBTA13 = 1M , MMBTA14 = 1N
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
V (BR)CEO
30
—
Vdc
(I C = 100
µAdc, V
BE = 0)
Collector Cutoff Current
I CBO
—
100
nAdc
( V CB = 30Vdc, I E = 0)
Emitter Cutoff Current
I EBO
—
100
nAdc
( V EB = 10Vdc, I C = 0)
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.


Similar Part No. - MMBTA14

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA14 TRSYS-MMBTA14 Datasheet
139Kb / 1P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBTA14 SAMSUNG-MMBTA14 Datasheet
28Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA14 FAIRCHILD-MMBTA14 Datasheet
55Kb / 3P
NPN Darlington Transistor
logo
Diodes Incorporated
MMBTA14 DIODES-MMBTA14 Datasheet
47Kb / 2P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30047 Rev. 4 - 2
logo
KEC(Korea Electronics)
MMBTA14 KEC-MMBTA14 Datasheet
65Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, DARLINGTON TRANSISTOR)
More results

Similar Description - MMBTA14

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9530 IRF-IRF9530 Datasheet
449Kb / 6P
TRANSISTORS
logo
List of Unclassifed Man...
2SC9016 ETC-2SC9016 Datasheet
81Kb / 2P
Transistors
P2222A ETC-P2222A Datasheet
49Kb / 1P
Transistors
2SA1633 ETC-2SA1633 Datasheet
69Kb / 1P
TRANSISTORS
logo
Rohm
2SA1199 ROHM-2SA1199 Datasheet
118Kb / 3P
TRANSISTORS
2SD2398 ROHM-2SD2398 Datasheet
70Kb / 1P
Transistors
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
logo
Central Semiconductor C...
CMPP6027 CENTRAL-CMPP6027_15 Datasheet
290Kb / 3P
TRANSISTORS
CMPP6027R CENTRAL-CMPP6027R_15 Datasheet
290Kb / 3P
TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3816 NJSEMI-2N3816 Datasheet
83Kb / 1P
Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com