Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SL34 Datasheet(PDF) 41 Page - Exar Corporation

Part # XRT83SL34
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 Datasheet(HTML) 41 Page - Exar Corporation

Back Button XRT83SL34 Datasheet HTML 37Page - Exar Corporation XRT83SL34 Datasheet HTML 38Page - Exar Corporation XRT83SL34 Datasheet HTML 39Page - Exar Corporation XRT83SL34 Datasheet HTML 40Page - Exar Corporation XRT83SL34 Datasheet HTML 41Page - Exar Corporation XRT83SL34 Datasheet HTML 42Page - Exar Corporation XRT83SL34 Datasheet HTML 43Page - Exar Corporation XRT83SL34 Datasheet HTML 44Page - Exar Corporation XRT83SL34 Datasheet HTML 45Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
38
LOCAL ANALOG LOOP-BACK (ALOOP)
With Local Analog Loop-Back activated, the transmit data at TTIP and TRING are looped-back to the analog
input of the receiver. External inputs at RTIP/RRING in this mode are ignored while valid transmit data
continues to be sent to the line. Local Analog Loop-Back exercises most of the functional blocks of the
XRT83SL34 including the jitter attenuator which can be selected in either the transmit or receive paths. Local
Analog Loop-Back is shown in Figure 18.
In this mode, the jitter attenuator (if selected) can be placed in the transmit or receive path.
REMOTE LOOP-BACK (RLOOP)
With Remote Loop-Back activated, receive data after the jitter attenuator (if selected in the receive path) is
looped back to the transmit path using RCLK as transmit timing. In this mode transmit clock and data are
ignored, while RCLK and receive data will continue to be available at their respective output pins. Remote
Loop-Back with jitter attenuator selected in the receive path is shown in Figure 19.
FIGURE 18. LOCAL ANALOG LOOP-BACK SIGNAL FLOW
FIGURE 19. REMOTE LOOP-BACK MODE WITH JITTER ATTENUATOR SELECTED IN RECEIVE PATH
Rx
Data &
Clock
Recovery
Decoder
TPOS
TNEG
TCLK
RCLK
RPOS
RNEG
Tx
Encoder
Timing
Control
JA
TTIP
TRING
RTIP
RRING
Tx
Decoder
Timing
Control
Rx
Data &
Clock
Recovery
TPOS
TNEG
TCLK
RCLK
RPOS
RNEG
Encoder
TTIP
TRING
RTIP
RRING
JA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com