Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS6031R Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # AUIPS6031R
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS6031R Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button AUIPS6031R Datasheet HTML 2Page - Infineon Technologies AG AUIPS6031R Datasheet HTML 3Page - Infineon Technologies AG AUIPS6031R Datasheet HTML 4Page - Infineon Technologies AG AUIPS6031R Datasheet HTML 5Page - Infineon Technologies AG AUIPS6031R Datasheet HTML 6Page - Infineon Technologies AG AUIPS6031R Datasheet HTML 7Page - Infineon Technologies AG AUIPS6031R Datasheet HTML 8Page - Infineon Technologies AG AUIPS6031R Datasheet HTML 9Page - Infineon Technologies AG AUIPS6031R Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AUIPS6031(S)(R)
www.irf.com
6
Functional Block Diagram
All values are typical
IN
VCC
OUT
37V
Driver
I Limit
43V
I sense
-
+
Charge
Pump
Level
Shifter
Tj
165°C
158°C
2.5V
2.0V
6V
DG
6V
GND
Ground
Disconnect
3V
-
+
Open load off
Over-temp
20mV
-
+
Open load on
3V
-
+
Short circuit
43V
Vcc-gnd >UV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com