Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS7091 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # AUIPS7091
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7091 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button AUIPS7091 Datasheet HTML 4Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 5Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 6Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 7Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 8Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 9Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 10Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 11Page - Infineon Technologies AG AUIPS7091 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AUIPS7091(G)(S)PbF
www.irf.com
8
0.1
1
10
1E+2
1E+3
1E+4
1E+5
1E+6
Figure 6
– Max. Output current (A) Vs Load
inductance (µH)
Load inductance (µH)
Vclamp
Iout
Vin
In
Vcc
Out
R
L
0V
5V
14V
+
-
Vout
Rem :
During active
clamp,
Vload is
negative
Dg
Gnd
Figure 5
– Active clamp test circuit
0
1
2
3
4
5
-50
0
50
100
150
Figure 7
– Max. ouput current (A)
Vs Ambient temperature (°C) Rth=100°C/W
Tamb, Ambient temperature (°C)
0.1
1.0
10.0
100.0
0.0001 0.001
0.01
0.1
1
10
100
Time (s)
Figure 8
– Transient thermal impedance (°C/W)
Vs time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com