Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS7125R Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # AUIPS7125R
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7125R Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button AUIPS7125R Datasheet HTML 5Page - Infineon Technologies AG AUIPS7125R Datasheet HTML 6Page - Infineon Technologies AG AUIPS7125R Datasheet HTML 7Page - Infineon Technologies AG AUIPS7125R Datasheet HTML 8Page - Infineon Technologies AG AUIPS7125R Datasheet HTML 9Page - Infineon Technologies AG AUIPS7125R Datasheet HTML 10Page - Infineon Technologies AG AUIPS7125R Datasheet HTML 11Page - Infineon Technologies AG AUIPS7125R Datasheet HTML 12Page - Infineon Technologies AG AUIPS7125R Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AUIPS7125R
www.irf.com
9
Vout
Vcc-Vin
80%
20%
80%
20%
Td on
Tr
Td off
Tf
Vds
Ids
Vcc-Vin
Vcc
Vds clamp
T clamp
See Application Notes to evaluate power dissipation
Figure 2 – Active clamp waveforms
Figure 1 – IN rise time & switching definitions
0
5
10
15
20
25
-50
0
50
100
150
Tj
Tsd
165°C
Ids
Vin
I shutdown
Tshutdown
Vifb
V fault
Tj, junction temperature (°C)
Figure 3 – Protection timing diagram
Figure 4 – Icc off (µA) Vs Tj (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com