Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 119 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 119 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 115Page - Exar Corporation XRT7250 Datasheet HTML 116Page - Exar Corporation XRT7250 Datasheet HTML 117Page - Exar Corporation XRT7250 Datasheet HTML 118Page - Exar Corporation XRT7250 Datasheet HTML 119Page - Exar Corporation XRT7250 Datasheet HTML 120Page - Exar Corporation XRT7250 Datasheet HTML 121Page - Exar Corporation XRT7250 Datasheet HTML 122Page - Exar Corporation XRT7250 Datasheet HTML 123Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
100
contents of this register must be set to all "0’s" (the
default value).
2.3.6.25 Transmit E3 BIP-8 Error Mask Register
(E3, ITU-T G.832)
This Read/Write bit-field allows the user to insert er-
rors into EM (Error Monitor) octet of each outbound
E3 frame. The user may wish to do this for equip-
ment testing purposes. Prior to transmission, the
Transmit E3 Framer reads in the EM byte, and per-
forms an XOR operation with it and the contents of
this register. The results of this operation are written
back into the EM octet position, in each outbound E3
frame. Consequently, to insure errors are not injected
into the EM octet of the outbound E3 frames, the con-
tents of this register must be set to all "0’s" (the de-
fault value).
2.3.7
Transmit E3 Framer Configuration Regis-
ters (ITU-T G.751)
2.3.7.1
Transmit E3 Configuration Register
(ITU-T G.751)
Bit 7 - TxBIP-4 Enable
This Read/Write bit-field permits the user to configure
the Transmit Section of the Framer IC, to compute an
insert the BIP-4 value into each outbound E3 frame.
Setting this bit-field to "0", configures the Transmit
Section of the Framer IC to NOT compute and insert
the BIP-4 value into each outbound E3 frame. In-
stead these four bits will contain data that has been
input via the Input Interface.
Setting this bit-field to "1", configures the Transmit
Section of the Framer IC to compute and insert the
BIP-4 value into each outbound E3 frame.
NOTE: For more information on these BIP-4 Calculations,
please see Section 4.2.4.2.2.
Bit 6, 5, TxASourceSel[1:0]
These two Read/Write bit-fields combine to specify
the source of the A-bit, within each outbound E3
frame. The relationship between these two bit-fields
and the resulting source of the A Bit is tabulated be-
low.
TXE3 BIP-8 ERROR MASK REGISTER (ADDRESS = 0X4A)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
TxBIP-8_Error_Mask_Byte[7:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
000
000
TXE3 CONFIGURATION REGISTER (ADDRESS = 0X30)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Tx
BIP-4
Enable
TxASourceSel[1:0]
TxNSourceSel[1:0]
Tx AIS
Enable
Tx LOS
Enable
Tx FAS
Source
Select
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
000
000
TXASOURCESEL[1:0]
SOURCE OF A BIT
00
TxE3 Service Bits Register (Address = 0x35)
01
Transmit Overhead Data Input Interface
10
Transmit Payload Data Input Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com