Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 123 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 123 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 119Page - Exar Corporation XRT7250 Datasheet HTML 120Page - Exar Corporation XRT7250 Datasheet HTML 121Page - Exar Corporation XRT7250 Datasheet HTML 122Page - Exar Corporation XRT7250 Datasheet HTML 123Page - Exar Corporation XRT7250 Datasheet HTML 124Page - Exar Corporation XRT7250 Datasheet HTML 125Page - Exar Corporation XRT7250 Datasheet HTML 126Page - Exar Corporation XRT7250 Datasheet HTML 127Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
104
Bits 4 - 0, TxFAS_Error_Mask_Lower[4:0]
This Read/Write bit-field permits the user to insert er-
rors into the lower five bits of the Framing Alignment
Signal, FAS of each outbound E3 frame. The user
may wish to do this for equipment testing purposes.
Prior to transmission, the Transmit E3 Framer block
reads in the lower five (5) bits of the FAS value, and
performs an XOR operation with it and the contents of
this register. The results of this operation are written
back into the lower five (5) bits of the FAS value, in
each outbound E3 frame. Consequently, to insure er-
rors are not injected into the FAS of the outbound E3
frames, the contents of this register must be set to all
"0’s" (the default value).
2.3.7.7
Transmit E3 BIP-4 Error Mask Register
(ITU-T G.751)
Bits 3 - 0: TxBIP-4 Mask[3:0]
This Read/Write bit-field permits the user to insert er-
rors into the BIP-4 value within each outbound E3
frame. The user may wish to do this for equipment
testing purposes. Prior to transmission, the Transmit
E3 Framer reads in the BIP-4 value, and performs an
XOR operation with it and the contents of this regis-
ter. The results of this operation are written back into
the BIP-4 nibble position, in each outbound E3 frame.
Consequently, to insure errors are not injected into
the BIP-4 value of the outbound E3 frames, the con-
tents of this register must be set to all "0’s" (the de-
fault value).
2.3.8
Performance Monitor Registers
2.3.8.1
PMON Line Code Violation Count Reg-
ister - MSB
This Reset-upon-Read register, along with the PMON
LCV Event Count Register - LSB (Address = 0x51)
contains a 16-bit representation of the number of Line
Code Violations that have been detected by the Re-
ceive E3 Framer, since the last read of these regis-
ters. This register contains the MSB (or Upper-Byte)
value of this 16 bit expression.
2.3.8.2
PMON Line Code Violation Count Reg-
ister - LSB
TXE3 FAS ERROR MASK REGISTER - 1 (ADDRESS = 0X49)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TxFAS_Error_Mask_Lower[4:0]
RO
RO
RO
R/W
R/W
R/W
R/W
R/W
00
000
000
TXE3 BIP-4 ERROR MASK REGISTER (ADDRESS = 0X4A)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TxBIP-4 Mask[3:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
000
000
PMON LCV EVENT COUNT REGISTER - MSB (ADDRESS = 0X50)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
LCV Count - High Byte
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com