Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 212 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 212 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 208Page - Exar Corporation XRT7250 Datasheet HTML 209Page - Exar Corporation XRT7250 Datasheet HTML 210Page - Exar Corporation XRT7250 Datasheet HTML 211Page - Exar Corporation XRT7250 Datasheet HTML 212Page - Exar Corporation XRT7250 Datasheet HTML 213Page - Exar Corporation XRT7250 Datasheet HTML 214Page - Exar Corporation XRT7250 Datasheet HTML 215Page - Exar Corporation XRT7250 Datasheet HTML 216Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
193
The Receive DS3 Framer block is capable of detect-
ing any of the following alarm conditions.
• LOS (Loss of Signal)
• AIS (Alarm Indication Signal)
• The Idle Pattern.
• FERF (Far-End Receive Failure) of Yellow Alarm
condition.
• FEBE (Far-End-Block Error)
• Change in AIC State
The methods by which the Receive DS3 Framer block
uses to detect and declare each of these alarm condi-
tions are described below.
4.3.2.5.1
The Loss of Signal (LOS) Alarm
The Receive DS3 Framer block will declare a Loss of
Signal (LOS) state when it detects 180 consecutive
incoming 0s via the RxPOS and RxNEG input pins or
if the RLOS input pin (from the XRT7300 DS3 LIU or
the XRT7295 Line Receiver IC) is asserted (e.g., driv-
en "High"). The Receive DS3 Framer block will indi-
cate the occurrence of an LOS condition by:
1. Asserting the RxLOS output pin (e.g., toggles it
"High").
2. Setting Bit 6 (RxLOS) within the Rx DS3 Configu-
ration and Status Register to 1, as depicted
below.
3. The Receive DS3 Framer block will generate a
Change in LOS Status interrupt request.
NOTE: The Receive DS3 Framer will also declare an OOF
condition and perform all of the notification procedures as
described in Section 3.3.2.2.
4. Force the on-chip Transmit Section to transmit a
FERF (Far-End Receive Failure) indicator back
out to the remote terminal.
The Receive DS3 Framer block will clear the LOS
condition when at least 60 out of 180 consecutive re-
ceived bits are 1.
NOTE: The Receive DS3 Framer block will also generate
the Change in LOS Condition interrupt, when it clears the
LOS Condition.
The Framer chip allows the user to modify the LOS
Declaration criteria such that an LOS condition is de-
clared only if the RLOS input pin (from the XRT7300
DS3/E3/STS-1 LIU IC) is asserted. In this case, the
internally-generated LOS criteria of 180 consecutive
0s will be disabled. The user can accomplish this by
writing a "1" to bit 3 (Int LOS Disable) of the Rx DS3
Configuration and Status Register, as depicted below.
NOTE: For more information on the RLOS input pin, please
see Section 2.1.
4.3.2.5.2
The Alarm Indication Signal (AIS)
The Receive DS3 Framer block will identify and de-
clare an AIS condition if it detects all of the following
conditions in the incoming DS3 Data Stream:
• Valid M-bits, F-bits and P-bits
• All C-bits are zeros.
• X-bits are set to 1
• The Payload portion of the DS3 Frame exhibits a
repeating 1010... pattern.
The Receive DS3 Framer block contains, within its
circuitry, an Up/Down Counter that supports the as-
sertion and negation of the AIS condition. This
counter begins with the value of 0x00 upon power up
or reset. The counter is then incremented anytime
the Receive DS3 Framer block detects an AIS Type
M-frame. This counter is then decremented, or kept
at zero value, when the Receive DS3 Framer block
detects a non-AIS type M-frame. The Receive DS3
Framer block will declare an AIS Condition if this
counter reaches the value of 63 M-frames or greater.
Explained another way, the AIS condition is declared
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10)
BIT 7
BIT 6BIT 5BIT 4BIT 3BIT2BIT 1BIT 0
RxAIS
RxLOS
RxIdle
RxOOF
Int LOS
Disable
Framing on
Parity
F-Sync Algo
M-Sync Algo
R/O
R/O
R/O
R/O
R/W
R/W
R/W
R/W
0
101
x
x
x
x
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10)
BIT 7BIT 6BIT 5BIT 4
BIT 3BIT2BIT 1BIT 0
RxAIS
RxLOS
RxIdle
RxOOF
Int LOS
Disable
Framing on
Parity
F-Sync Algo
M-Sync Algo
RO
RO
RO
RO
R/W
R/W
R/W
R/W
XX
XX
1X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com