Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 215 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 215 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 211Page - Exar Corporation XRT7250 Datasheet HTML 212Page - Exar Corporation XRT7250 Datasheet HTML 213Page - Exar Corporation XRT7250 Datasheet HTML 214Page - Exar Corporation XRT7250 Datasheet HTML 215Page - Exar Corporation XRT7250 Datasheet HTML 216Page - Exar Corporation XRT7250 Datasheet HTML 217Page - Exar Corporation XRT7250 Datasheet HTML 218Page - Exar Corporation XRT7250 Datasheet HTML 219Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
196
Hence, a given Terminal Equipment receiving a DS3
data stream can identify the framing format of this
DS3 data stream, by reading the value fo the AIC bit-
field. The Receive DS3 Framer block permits the us-
er’s Microcontroller/MIcroprocessor to determine the
state of the AIC bit-field (within the incoming DS3 da-
ta stream) by writing the value of the AIC bit-field,
within the most recently received DS3 frame, into bit
3 (RxAIC) within the Rx DS3 Status Register (Ad-
dress = 0x11), as illustrated below.
The Receive DS3 Framer block will also generate an
interrupt if it detects a change of state in the AIC bit-
field (within the incoming DS3 data stream). If this
occurs, then the Receive DS3 Framer block will set
Bit 2 (AIC Interrupt Status) within the Rx DS3 Inter-
rupt Stauts Register (Address = 0x13) to “1” as illus-
trated below.r
4.3.2.6
Performance Monitoring of the DS3
Transport Medium
The DS3 Frame consists of some overhead bits that
are used to support performance monitoring of the
DS3 Transmission Link. These bits are the P-Bits
and the CP-Bits.
4.3.2.6.1
P-Bit Checking/Options
The remote Transmit DS3 Framer will compute the
even parity of the payload portion of an outbound
DS3 Frame and will place the resulting parity bit value
in the 2 P-bit-fields within the very next outbound DS3
Frame. The value of these two bits fields is expected
to be the identical.
The Receive DS3 Framer block, while receiving each
of these DS3 Frames (from the remote Transmit DS3
Framer), will compute the even-parity of the payload
portion of the frame. The Receive DS3 Framer block
will then compare this locally computed parity value
to that of the P-bit fields within the very next DS3
Frame. If the Receive DS3 Framer block detects a
parity error, then two things will happen:
1. The Receive DS3 Framer block will inform the µP/
µC of this occurrence by generating a Detection
of P-Bit Error interrupt,
2. The Receive DS3 Framer block will alter the
value of the FEBE bits, (to a pattern other than
111) that the Near-End Transmit DS3 Framer will
be transmitting back to the remote Terminal.
3. The XRT7250 Framer IC will increment the
PMON Parity Error Event Count Registers
(Address = 0x54 and 0x55) for each detected
parity error, in the incoming DS3 data stream.
The bit-format of these two registers follows.
RXDS3 STATUS REGISTER (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Reserved
RxFERF
RxAIC
RxFEBE[2:0]
RO
RO
RO
RO
RO
RO
RO
RO
00
000
000
RXDS3 INTERRUPT STATUS REGISTER (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP-Bit Error
Interrupt
Status
LOS
Interrupt
Status
AIS
Interrupt
Status
Idle Interrupt
Status
FERF
Interrupt
Status
AIC
Interrupt
Status
OOF
Interrupt
Status
P-Bit Error
Interrupt
Status
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
100
PMON PARITY ERROR EVENT COUNT REGISTER - MSB (ADDRESS = 0X54)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2BIT 1BIT 0
Parity Error Count - High Byte
RO
RO
RO
RO
RO
RO
RO
RO
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com