Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS7010-2EPA Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS7010-2EPA
Description  PROFET??2 12V 2x 10 m廓 Smart High-Side Power Switch
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7010-2EPA Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS7010-2EPA Datasheet HTML 1Page - Infineon Technologies AG BTS7010-2EPA Datasheet HTML 2Page - Infineon Technologies AG BTS7010-2EPA Datasheet HTML 3Page - Infineon Technologies AG BTS7010-2EPA Datasheet HTML 4Page - Infineon Technologies AG BTS7010-2EPA Datasheet HTML 5Page - Infineon Technologies AG BTS7010-2EPA Datasheet HTML 6Page - Infineon Technologies AG BTS7010-2EPA Datasheet HTML 7Page - Infineon Technologies AG BTS7010-2EPA Datasheet HTML 8Page - Infineon Technologies AG BTS7010-2EPA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
Data Sheet
2
Rev.1.05
2019-10-15
BTS7010-2EPA
PROFET™+2 12V
Overview
Basic Features
• High-Side Switch with Diagnosis and Embedded Protection
• Part of PROFET™+2 12V Family
• ReverseON for low power dissipation in Reverse Polarity
• Switch ON capability while Inverse Current condition (InverseON)
• Green Product (RoHS compliant)
Protection Features
• Absolute and dynamic temperature limitation with controlled restart
• Overcurrent protection (tripping) with Intelligent Restart Control
• Undervoltage shutdown
• Overvoltage protection with external components
Diagnostic Features
• Proportional load current sense
• Open Load in ON and OFF state
• Short circuit to ground and battery
Product Validation
Qualified for automotive applications. Product validation according to AEC-Q100 Grade 1.
Description
The BTS7010-2EPA is a Smart High-Side Power Switch, providing protection functions and diagnosis. The
device is integrated in SMART7 technology.
Table 1
Product Summary
Parameter
Symbol
Values
Minimum Operating voltage (at switch ON)
VS(OP)
4.1 V
Minimum Operating voltage (cranking)
VS(UV)
3.1 V
Maximum Operating voltage
VS
28 V
Minimum Overvoltage protection (TJ ≥ 25 °C)
VDS(CLAMP)_25
35 V
Maximum current in Sleep mode (TJ ≤ 85 °C)
IVS(SLEEP)_85
0.6 µA
Maximum operative current
IGND(ACTIVE)
4 mA
Maximum ON-state resistance (TJ = 150 °C)
RDS(ON)_150
19.5 mΩ
Nominal load current (TA = 85 °C)
IL(NOM)
6.5 A
Typical current sense ratio at IL = IL(NOM)
kILIS
5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com