Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YAT-2A Datasheet(PDF) 2 Page - Mini-Circuits

Part # YAT-2A
Description  Fixed Attenuator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YAT-2A Datasheet(HTML) 2 Page - Mini-Circuits

  YAT-2A Datasheet HTML 1Page - Mini-Circuits YAT-2A Datasheet HTML 2Page - Mini-Circuits YAT-2A Datasheet HTML 3Page - Mini-Circuits YAT-2A Datasheet HTML 4Page - Mini-Circuits YAT-2A Datasheet HTML 5Page - Mini-Circuits YAT-2A Datasheet HTML 6Page - Mini-Circuits YAT-2A Datasheet HTML 7Page - Mini-Circuits YAT-2A Datasheet HTML 8Page - Mini-Circuits YAT-2A Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Microwave Precision
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Pad Description
Function
Pad Number
Description
RF IN
2
RF input pad
RF-OUT
5
RF output pad
GND
1,3,4,6
Bottom Exposed pad
Connected to ground externally
YAT-2A+
Product Features
• Miniature package MCLP™ 2 x 2 mm
• Wide bandwidth, DC-18 GHz
• Excellent attenuation accuracy & flatness
REV. OR
M171621
YAT-2A+
CM/CP/AM
190613
Typical Applications
• Cellular
• PCS
• Communications
• Radar
• Defense
50Ω
2W
2dB
DC to 18 GHz
General Description
YAT-2A+ is a 2-dB absorptive attenuator fabricated using highly repetitive MMIC process including thin
film resistors on GaAs substrate. YAT-2A+ attenuator contains through-wafer metallization vias to realize
low thermal resistance and wideband operation. Packaged in tiny 2 mm x 2 mm MCLPTM package fits into
tiny spaces.
CASE STYLE: MC1630
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Generic photo used for illustration purposes only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com