Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS2017 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMS2017
Description  2.4GHz DPDT GaAs Single-Band WLAN Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2017 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMS2017 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2017 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2017 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2017 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2017 Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Data Sheet
2.2
2
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filcs.com
FMS2017
Absolute Maximum Ratings:
Parameter
Symbol
Absolute Maximum
Max Input Power
Pin
+36dBm
Control Voltage
Vctrl
+5V
Operating Temperature
Toper
-40°C to +100°C
Storage Temperature
Tstor
-55°C to +150°C
Note: Exceeding any one of these absolute maximum ratings may cause permanent damage to the
device.
Truth Table:
State
V1
V2
V3
V4
PATH(S)
1
High
Low
Low
Low
RX-ANT1
2
Low
High
Low
Low
RX-ANT2
3
Low
Low
High
Low
TX-ANT2
4
Low
Low
Low
High
TX-ANT1
5
Low
High
Low
High
TX-ANT1 & RX-ANT2
6
High
Low
High
Low
TX-ANT2 & RX-ANT1
Note:
‘High’
= +2.4V to +3.3V
‘Low’
= 0V to +0.2V
Pad and Die Layout:
Note: Co-ordinates are referenced from the bottom left hand corner of the die to the centre of the
bond pad opening
Die Size (
µm)
Die Thickness (
µm)
Min. Bond Pad
Pitch (
µm)
Min. Bond pad
opening (
µm)
930x600
150
225
85x85
Pad
Ref
Pad
Name
Description
Pin Coordinates
(µm)
A
ANT1
Antenna 1
(155, 300)
B
RX
Receive
(465, 90)
C
ANT2
Antenna 2
(775, 300)
D
TX
Transmit
(465, 510)
E
V1
Vctrl1 (A1 to RX)
(155, 90)
F
V2
Vctrl2 (A2 to RX)
(775, 90)
G
V3
Vctrl3 (TX to A2)
(775, 510)
H
V4
Vctrl4 (A1 to TX)
(155, 510)
A
B
C
D
G
F
E
H



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com