Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS2016-005-EB Datasheet(PDF) 6 Page - Filtronic Compound Semiconductors

Part # FMS2016-005-EB
Description  High Power Reflective GaAs SP4T Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2016-005-EB Datasheet(HTML) 6 Page - Filtronic Compound Semiconductors

  FMS2016-005-EB Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2016-005-EB Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2016-005-EB Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2016-005-EB Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2016-005-EB Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2016-005-EB Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Preliminary Data Sheet
2.1
6
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 988 1845
Fax: +1 (408) 970 9950
Email: sales@filcsi.com
Website: www.filtronic.com
FMS2016QFN-1
Ordering Information:
Part Number
Description
FMS2016-005
Packaged Die
FMS2016-005-EB
Packaged die mounted on evaluation board
Handling Precautions:
To avoid damage to the devices care should be exercised during handling. Proper Electrostatic
Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and
testing. These devices should be treated as Class 1A as defined in Jedec Standard No.22-A114
(0-500V).
Further information on ESD control measures can be found in MIL-STD-1686 and MIL-HDBK-263.
Preferred Assembly Instructions:
Please refer to FCSL applications note: FAN 003 (handling and assembly of Filtronic QFN devices)
Disclaimers:
This product is not designed for use in any space based or life sustaining/supporting equipment.



Html Pages

1 2 3 4 5 6