Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20TLV045 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # 20TLV045
Description  Photovoltaic Solar Cell Protection Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

20TLV045 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  20TLV045 Datasheet HTML 1Page - HY ELECTRONIC CORP. 20TLV045 Datasheet HTML 2Page - HY ELECTRONIC CORP. 20TLV045 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
Features
R-6
●
Low power loss, high efficiency
●
High current capability, low VF
RoHS
●
High surge capacity
COMPLIANT
Mechanical Data
●
Case: JEDEC R-6 molded plastic
●
Polarity: Color band denotes cathode
●
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
For use in solar cell junction box as a bypass diode
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
I(AV)
A
VF
V
@TJ=25℃
@TJ=75℃
@TJ=100℃
@TJ=125℃
RθJC
℃/W
TJ
℃
TSTG
℃
2. The typical data above is for reference only.
20TLV045-A/B-00-00
Rev. 11, 18-May-2020
A
Notes: 1. 300uS pulse width, 2%duty cycle.
Maximun DC Reverse Current at Rated DC Blocking Voltage
IFSM
IR
mA
275
Storage Temperature Range
-55 to+200
Junction Temperature Range
-55 to+200
0.55
0.5
4.0
50.0
70
20TLV045
Reverse Voltage - 45Volts
Forward Current - 20 Amperes
Maximum RMS Voltage
31.5
Photovoltaic Solar Cell Protection
Schottky Diode
45
Pb
Package Outline Dimensions in Inches (Millimeters)
Maximum Repetitive Peak Reverse Voltage
Characteristics
20TLV045
Maximum DC Blocking Voltage
45
Maximum Average Forward Rectified Current @ Tc=170 ℃
20
Typical Thermal Resistance Junction to Case
2.5
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load ( JEDEC Method )
Peak Forward Voltage at 20A DC ( Note1 )


Similar Part No. - 20TLV045

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
20T NELLSEMI-20T Datasheet
595Kb / 5P
Medium current triac
20T NELLSEMI-20T Datasheet
595Kb / 5P
TRIACs
logo
Multicomp Pro
20T-2D MULTICOMP-20T-2D Datasheet
74Kb / 1P
Knobs
17/01/12 V1.1
logo
Advanced Power Electron...
20T03GH A-POWER-20T03GH Datasheet
73Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
20T03GJ VBSEMI-20T03GJ Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - 20TLV045

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
20TQ045 HY-20TQ045 Datasheet
395Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
15SQ045 HY-15SQ045_V01 Datasheet
356Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
25PV050 HY-25PV050_V01 Datasheet
307Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SQ1080 HY-SQ1080_V01 Datasheet
262Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SQ1280 HY-SQ1280_V01 Datasheet
262Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SQ1540 HY-SQ1540_V01 Datasheet
263Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SD2040 HY-SD2040_V01 Datasheet
312Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SD2040A HY-SD2040A_V01 Datasheet
311Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SDA2040 HY-SDA2040 Datasheet
312Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SPA2045 HY-SPA2045 Datasheet
368Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com