Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20TQ045 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # 20TQ045
Description  Photovoltaic Solar Cell Protection Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

20TQ045 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  20TQ045 Datasheet HTML 1Page - HY ELECTRONIC CORP. 20TQ045 Datasheet HTML 2Page - HY ELECTRONIC CORP. 20TQ045 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
Features
R-6
●
Low power loss, high efficiency
●
High current capability, low VF
RoHS
●
High surge capacity
COMPLIANT
Mechanical Data
●
Case: JEDEC R-6 molded plastic
●
Polarity: Color band denotes cathode
●
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
For use in solar cell junction box as a bypass diode
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF=5.0A
IF=10A
IF=20A
IF=5.0A
IF=10A
IF=20A
TJ=25℃
μA
TJ=125℃
mA
Typical Junction Capacitance ( NOTE 3 )
CJ
pF
RθJC
℃/W
TJ
℃
TSTG
℃
2. Pulse test: 40mS pulse width.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
4. The typical data above is for reference only.
20TQ045-A/B-00-00
Rev. 11, 18-May-2020
Photovoltaic Solar Cell Protection
Schottky Diode
Characteristics
Pb
A
Maximum Average Forward Rectified Current (without heatsink, free air)
Maximum RMS Voltage
31.5
Maximum DC Blocking Voltage
45
Maximum Average Forward Rectified Current (with heatsink)
IF(AV)
20
6.5
Package Outline Dimensions in Inches (Millimeters)
Maximum Repetitive Peak Reverse Voltage
A
V
Junction Temperature Range
-40 to +200
Storage Temperature Range
-40 to +200
0.3 (TYP.)
0.35 (TYP.)
0.42 (TYP.)
0.5 (MAX.)
0.44 (TYP.)
0.46 (TYP.)
0.5 (TYP.)
0.55 (MAX.)
Instantaneous Forward Voltage ( NOTE 1)
TJ=25℃
Notes: 1. 300uS pulse width, 1%duty cycle.
11.9 (TYP.)
35 (MAX.)
4.0 V, 1 MHz
2050 (TYP.)
Typical Thermal Resistance Junction to Case
2.5
Reverse Current ( NOTE 2 )
VR=45V
IR
23.4 (TYP.)
1200 (MAX.)
TJ=125℃
IFSM
VF
275
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load ( JEDEC Method )
45
20TQ045
20TQ045
Reverse Voltage - 45Volts
Forward Current - 20 Amperes


Similar Part No. - 20TQ045

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20TQ045 IRF-20TQ045 Datasheet
282Kb / 7P
SCHOTTKY RECTIFIER 20 Amp
logo
Vishay Siliconix
20TQ045 VISHAY-20TQ045 Datasheet
118Kb / 6P
Schottky Rectifier, 20 A
25-Jun-08
logo
Sangdest Microelectroni...
20TQ045 SMC-20TQ045 Datasheet
183Kb / 6P
SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
20TQ045 ISC-20TQ045 Datasheet
239Kb / 2P
Schottky Rectifier
logo
Vishay Siliconix
20TQ045-N3 VISHAY-20TQ045-N3 Datasheet
167Kb / 7P
Schottky Rectifier, 20 A
26-Aug-11
More results

Similar Description - 20TQ045

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
15SQ045 HY-15SQ045_V01 Datasheet
356Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
25PV050 HY-25PV050_V01 Datasheet
307Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SQ1080 HY-SQ1080_V01 Datasheet
262Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SQ1280 HY-SQ1280_V01 Datasheet
262Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SQ1540 HY-SQ1540_V01 Datasheet
263Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SD2040 HY-SD2040_V01 Datasheet
312Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SD2040A HY-SD2040A_V01 Datasheet
311Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SDA2040 HY-SDA2040 Datasheet
312Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SPA2045 HY-SPA2045 Datasheet
368Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
SPB2045C HY-SPB2045C Datasheet
304Kb / 3P
Photovoltaic Solar Cell Protection Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com