Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD750DFN Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # FPD750DFN
Description  LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD750DFN Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FPD750DFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD750DFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD750DFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD750DFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD750DFN Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FPD750DFN
LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
∙ PCB FOOT PRINT
•
TYPICAL I-V CHARACTERISTICS
DC IV Curves FPD750SOT89
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Drain-Source Voltage (V)
VG=-1.50
VG=-1.25V
VG=-1.00V
VG=-0.75V
VG=-0.50V
VG=-0.25V
VG=0V
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised: 11/14/05
Fax: +1 408 850-5766
Email: sales@filcsi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com