Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD1000V Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FPD1000V
Description  1W POWER PHEMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1000V Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FPD1000V Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1000V Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1000V Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PRELIMINARY
FPD1000V
1W POWER PHEMT
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised: 4/29/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
•
APPLICATIONS NOTES & DESIGN DATA
Applications Notes are available from your local Filtronic Sales Representative or directly from the
factory. Complete design data, including S-parameters, noise data, and large-signal models are
available on the Filtronic web site.
•
BONDING DIAGRAM
Note: 25
µm (0.001 in.) gold wire is recommended. No Source wire bonds are needed, device
features Source thru-vias.
All information and specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com