Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F256J3A-150 Datasheet(PDF) 33 Page - Intel Corporation

Part # JS28F256J3A-150
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F256J3A-150 Datasheet(HTML) 33 Page - Intel Corporation

Back Button JS28F256J3A-150 Datasheet HTML 29Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 30Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 31Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 32Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 33Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 34Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 35Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 36Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
33
9.1.1
Bus Read Operation
To perform a bus read operation, CEx (refer to Table 13 on page 33) and OE# must be asserted.
CEx is the device-select control; when active, it enables the flash memory device. OE# is the data-
output control; when active, the addressed flash memory data is driven onto the I/O bus. For all
read states, WE# and RP# must be de-asserted. See Section 7.1, “Read Operations” on page 22.
Refer to Section 10.0, “Read Operations” on page 37 for details on reading from the flash array,
and refer to Section 14.0, “Special Modes” on page 50 for details regarding all other available read
states.
9.1.2
Bus Write Operation
Writing commands to the Command User Interface enables various modes of operation, including
the reading of array data, CFI data, identifier codes, inspection and clearing of the Status Register,
and, when VPEN = VPENH, block erasure, program, and lock-bit configuration.
The Block Erase command requires appropriate command data and an address within the block to
be erased. The Byte/Word Program command requires the command and address of the location to
be written. Set Block Lock-Bit commands require the command and block within the device to be
locked. The Clear Block Lock-Bits command requires the command and address within the device.
The CUI does not occupy an addressable memory location. It is written when the device is enabled
and WE# is active. The address and data needed to execute a command are latched on the rising
edge of WE# or the first edge of CE0, CE1, or CE2 that disables the device (see Table 13 on
page 33). Standard microprocessor write timings are used.
9.1.3
Output Disable
With CEx asserted, and OE# at a logic-high level (VIH), the device outputs are disabled. Output
signals D[15:0] are placed in a high-impedance state.
Table 13. Chip Enable Truth Table
CE2
CE1
CE0
DEVICE
VIL
VIL
VIL
Enabled
VIL
VIL
VIH
Disabled
VIL
VIH
VIL
Disabled
VIL
VIH
VIH
Disabled
VIH
VIL
VIL
Enabled
VIH
VIL
VIH
Enabled
VIH
VIH
VIL
Enabled
VIH
VIH
VIH
Disabled
NOTE: For single-chip applications, CE2 and CE1 can be connected to VIL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com