Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F320J3A-150 Datasheet(PDF) 12 Page - Intel Corporation

Part # JS28F320J3A-150
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3A-150 Datasheet(HTML) 12 Page - Intel Corporation

Back Button JS28F320J3A-150 Datasheet HTML 8Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 9Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 10Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 11Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 12Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 13Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 14Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 15Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
256-Mbit J3 (x8/x16)
12
Datasheet
3.2
Easy BGA (J3) Package
NOTES:
1. For Daisy Chain Evaluation Unit information refer to the Intel Flash Memory Packaging Technology Web page at;
www.intel.com/design/packtech/index.htm
2. For Packaging Shipping Media information see www.intel.com/design/packtech/index.htm
Figure 4. Intel StrataFlash® Memory (J3) Easy BGA Mechanical Specifications
Table 2.
Easy BGA Package Dimensions
Millimeters
Inches
Symbol
Min
Nom
Max
Notes
Min
Nom
Max
Package Height
A
1.200
0.0472
Ball Height
A1
0.250
0.0098
Package Body Thickness
A2
0.780
0.0307
Ball (Lead) Width
b
0.330
0.430
0.530
0.0130
0.0169
0.0209
Package Body Width (32 Mb, 64 Mb, 128 Mb, 256 Mb)
D
9.900
10.000
10.100
1
0.3898
0.3937
0.3976
Package Body Length (32 Mb, 64 Mb, 128 Mb)
E
12.900
13.000
13.100
1
0.5079
0.5118
0.5157
Package Body Length (256 Mb)
E
14.900
15.000
15.100
1
0.5866
0.5906
0.5945
Pitch
[e]
1.000
0.0394
Ball (Lead) Count
N
64
64
Seating Plane Coplanarity
Y
0.100
0.0039
Corner to Ball A1 Distance Along D (32/64/128/256 Mb)
S1
1.400
1.500
1.600
1
0.0551
0.0591
0.0630
Corner to Ball A1 Distance Along E (32/64/128 Mb)
S2
2.900
3.000
3.100
1
0.1142
0.1181
0.1220
Corner to Ball A1 Distance Along E (256 Mb)
S2
3.900
4.000
4.100
1
0.1535
0.1575
0.1614
E
Seating
Plane
S1
S2
e
Top View - Ball side down
Bottom View - Ball Side Up
Y
A
A1
D
Ball A1
Corner
A2
Note: Drawing not to scale
A
B
C
D
E
F
G
H
8
7
65
43
2
1
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
b
Ball A1
Corner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com