Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3542 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3542
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3542 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADC3542 Datasheet HTML 30Page - Texas Instruments ADC3542 Datasheet HTML 31Page - Texas Instruments ADC3542 Datasheet HTML 32Page - Texas Instruments ADC3542 Datasheet HTML 33Page - Texas Instruments ADC3542 Datasheet HTML 34Page - Texas Instruments ADC3542 Datasheet HTML 35Page - Texas Instruments ADC3542 Datasheet HTML 36Page - Texas Instruments ADC3542 Datasheet HTML 37Page - Texas Instruments ADC3542 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
7.3.4.5.2 Serialized CMOS Interface
In serialized CMOS mode, the ADC354x device supports complex decimation output Figure 7-34 and real
decimation output Figure 7-35. The examples are shown for 16-bit output for 2-wire (8x serialization) and 1-wire
(16x serialization).
FCLK
D12
D11
FCLK
D11
2-Wire
8x Serialization
1-Wire
16x Serialization
DCLK
DCLK
AQ <15:0>
AI <15:0>
AI
D13
AI
D11
AI
D9
AI
D7
AI
D5
AI
D3
AI
D1
AI
D12
AI
D10
AI
D8
AI
D6
AI
D4
AI
D2
AI
D0
AQ
D13
AQ
D11
AQ
D9
AQ
D7
AQ
D5
AQ
D3
AQ
D12
AQ
D10
AQ
D8
AQ
D6
AQ
D4
AQ
D2
AQ
D1
AQ
D0
AI
D15
AI
D14
AQ
D15
AQ
D14
Figure 7-34. Output Data Format in Complex Decimation
Table 7-6 illustrates the output interface data rate along with the corresponding DCLK/DCLKIN and FCLK
frequencies based on output resolution (R), number of serial CMOS lanes (L) and complex decimation setting
(N).
Furthermore the table shows an actual lane rate example for the 2- and 1- wire interface, 16-bit output resolution
and complex decimation by 16.
Table 7-6. Serial CMOS Lane Rate Examples with Complex Decimation and 16-bit Output Resolution
DECIMATION
SETTING
ADC SAMPLING
RATE
OUTPUT
RESOLUTION
# of WIRES
FCLK
DCLKIN, DCLK
DOUT
N
FS
R
L
FS / N
[DOUT] / 2
FS x 2 x R / L / N
16
65 MSPS
16
2
4.0625 MHz
32.5 MHz
65 MHz
1
65 MHz
130 MHz
ADC3541
SBAS840 – JULY 2020
www.ti.com
34
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com