Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC3306M25 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3306M25
Description  AMC3306M25 High-Precision, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter and High CMTI
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC3306M25 Datasheet(HTML) 1 Page - Texas Instruments

  AMC3306M25 Datasheet HTML 1Page - Texas Instruments AMC3306M25 Datasheet HTML 2Page - Texas Instruments AMC3306M25 Datasheet HTML 3Page - Texas Instruments AMC3306M25 Datasheet HTML 4Page - Texas Instruments AMC3306M25 Datasheet HTML 5Page - Texas Instruments AMC3306M25 Datasheet HTML 6Page - Texas Instruments AMC3306M25 Datasheet HTML 7Page - Texas Instruments AMC3306M25 Datasheet HTML 8Page - Texas Instruments AMC3306M25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
DCDC_OUT
Resonator
And
Driver
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
LDO
Rectifier
LDO
Diagnostics
DCDC_IN
DCDC_GND
LDO_OUT
VDD
DOUT
CLKIN
GND
AMC3306
û -ADC
Isolated
DIAG
NC
I
TMS320F2807x
SD-Dx
SD-Cx
optional
3.3 V / 5 V
GND
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
AMC3306M25
SBAS996 – MAY 2020
AMC3306M25 High-Precision, Reinforced Isolated Delta-Sigma Modulator
With Integrated DC/DC Converter and High CMTI
1
1 Features
1
•
3.3-V or 5-V single supply with integrated DC/DC
converter
•
±250-mV input voltage range optimized for current
measurement using shunt resistors
•
Low DC errors:
–
Offset error: ±100 µV (max)
–
Offset drift: 1 µV/°C (max)
–
Gain error: ±0.2% (max)
–
Gain drift: ±40 ppm/°C (max)
•
High CMTI: 75 kV/µs (min)
•
System-level diagnostic features
•
Safety-related certifications:
–
6180-VPEAK reinforced isolation per DIN VDE V
0884-11
–
4370-VRMS isolation for 1 minute per UL1577
•
Meets and exceeds CISPR-11 and CISPR-25 EMI
standards
2 Applications
•
Compact, isolated shunt-based current sensing in:
–
Photovoltaic inverters
–
Uninterruptible power supplies (UPS)
–
Power delivery systems
–
Industrial robots
–
Compact frequency inverters
3 Description
The AMC3306M25 is a precision, delta-sigma (ΔΣ)
modulator,
optimized
for
shunt-based
current
measurements, with a fully integrated isolated DC/DC
converter that allows single-supply operation from the
low-side of the device. The reinforced capacitive
isolation barrier is certified according to VDE V 0884-
11 and UL1577. This isolation barrier separates parts
of the system that operate on different common-mode
voltage levels and protects lower-voltage parts from
damage.
The input of the AMC3306M25 is optimized for direct
connection to shunt resistors or other, low voltage-
level signal sources. The integrated isolated DC/DC
converter allows unconstrained placement of the
shunt, independent of any high-side supply that is
usually required to power the isolated amplifier, and
makes the device a unique solution for space-
constrained applications.
The
device
supports
excellent
AC
and
DC
performance over its linear input voltage range of
±250 mV. By using a digital filter or delta-sigma-filter
module
(such
as
those
integrated
in
the
TMS320F2807x or TMS320F2837x microcontroller
families) to decimate the bitstream, the device can
achieve 16 bits of resolution with a dynamic range of
85 dB at a data rate of 78 kSPS.
The
AMC3306M25
is
fully
specified
over
the
extended industrial temperature range of –40°C to
+125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AMC3306M25
SOIC (16)
10.30 mm × 7.50 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - AMC3306M25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3306M25 TI1-AMC3306M25 Datasheet
1Mb / 35P
AMC3306M25-Q1 Automotive, Precision, ±250mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AUGUST 2024
AMC3306M25-Q1 TI1-AMC3306M25-Q1 Datasheet
1Mb / 35P
AMC3306M25-Q1 Automotive, Precision, ±250mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AUGUST 2024
AMC3306M25QDWERQ1 TI1-AMC3306M25QDWERQ1 Datasheet
1Mb / 35P
AMC3306M25-Q1 Automotive, Precision, ±250mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AUGUST 2024
More results

Similar Description - AMC3306M25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC3306M05 TI-AMC3306M05 Datasheet
2Mb / 39P
AMC3306M05 High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3336-Q1 TI-AMC3336-Q1 Datasheet
2Mb / 40P
AMC3336-Q1 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3336 TI-AMC3336 Datasheet
2Mb / 41P
AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com