Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

164021 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 164021
Description  Flat cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

164021 Datasheet(HTML) 1 Page - Festo Corporation.

  164021 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Flat cylinder
DZF-18-125-P-A
Part number: 164021
Data sheet
Feature
Value
Stroke
125 mm
Piston diameter
18 mm
Equivalent diameter
Max. angle of rotation of the piston rod +/-
1.2 deg
Type code
DZF
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Double-acting
Design
Piston
Piston rod
Position sensing
For proximity sensor
Symbol
00991217
Protection against torsion/guide
Oval piston
Operating pressure
1 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Max. torque for protection against rotation
0.2 Nm
Theoretical force at 6 bar, retracting
123 N
Theoretical force at 6 bar, advancing
153 N
Moving mass at 0 mm stroke
24 g
Additional weight per 10 mm stroke
13 g
Basic weight with 0 mm stroke
107 g
Additional moving mass per 10 mm stroke
4 g
Type of mounting
Optionally:
With internal thread
With accessories
Pneumatic connection
M5
Cover material
Wrought aluminum alloy
Seals material
TPE-U(PU)
NBR
Housing material
Aluminum
Smooth anodized
Piston rod material
High-alloy stainless steel
7/26/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 164021

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1640210000 WEIDMULLER-1640210000 Datasheet
97Kb / 5P
BL 3.5/5/270F SN SW
1640210000 WEIDMULLER-1640210000 Datasheet
97Kb / 5P
BL 3.5/7/270F SN SW
1640210000 WEIDMULLER-1640210000 Datasheet
97Kb / 5P
BL 3.5/9/270F SN SW
1640210000 WEIDMULLER-1640210000 Datasheet
97Kb / 5P
BL 3.5/11/270F SN SW
1640210000 WEIDMULLER-1640210000 Datasheet
97Kb / 5P
BL 3.5/12/270F SN SW
More results

Similar Description - 164021

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DZF-12-25-P-A FESTO-DZF-12-25-P-A Datasheet
92Kb / 1P
Flat cylinder
DZF-12-160-A-P-A FESTO-DZF-12-160-A-P-A Datasheet
86Kb / 1P
Flat cylinder
DZF-18-40-A-P-A FESTO-DZF-18-40-A-P-A Datasheet
90Kb / 1P
Flat cylinder
DZF-18-100-P-A FESTO-DZF-18-100-P-A Datasheet
88Kb / 1P
Flat cylinder
DZF-18-160-A-P-A FESTO-DZF-18-160-A-P-A Datasheet
90Kb / 1P
Flat cylinder
DZF-25-100-A-P-A FESTO-DZF-25-100-A-P-A Datasheet
89Kb / 1P
Flat cylinder
DZF-25-100-P-A FESTO-DZF-25-100-P-A Datasheet
81Kb / 1P
Flat cylinder
DZF-25-125-A-P-A FESTO-DZF-25-125-A-P-A Datasheet
89Kb / 1P
Flat cylinder
DZF-32-40-P-A FESTO-DZF-32-40-P-A Datasheet
81Kb / 1P
Flat cylinder
DZF-32-125-A-P-A FESTO-DZF-32-125-A-P-A Datasheet
89Kb / 1P
Flat cylinder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com