Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804455 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0804455
Description  GMVSTBR 2,5/12-ST
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804455 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0804455 Datasheet HTML 1Page - PHOENIX CONTACT 0804455 Datasheet HTML 2Page - PHOENIX CONTACT 0804455 Datasheet HTML 3Page - PHOENIX CONTACT 0804455 Datasheet HTML 4Page - PHOENIX CONTACT 0804455 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GMVSTBR 2,5/12-ST Order No.: 1737806
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1737806
PHOENIX CONTACT Inc., USA
Page 4 / 5
http://www.phoenixcon.com
Jan 25, 2011
Tools
1205053
SZS 0,6X3,5
Actuation tool, for ST terminal blocks, insulated, also suitable
for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
Additional products
Item
Designation
Description
General
1766110
GMSTB 2,5/12-G
Header, Nominal current: 12 A, Rated voltage (III/2): 630 V,
Number of positions: 12, Pitch: 7.5 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1766220
GMSTB 2,5/12-G-7,62
Header, Nominal current: 12 A, Rated voltage (III/2): 630 V,
Number of positions: 12, Pitch: 7.62 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1766440
GMSTBA 2,5/12-G
Header, Nominal current: 12 A, Rated voltage (III/2): 630 V,
Number of positions: 12, Pitch: 7.5 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1766550
GMSTBV 2,5/12-G
Header, Nominal current: 12 A, Rated voltage (III/2): 630 V,
Number of positions: 12, Pitch: 7.5 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
1766767
GMSTBVA 2,5/12-G
Header, Nominal current: 12 A, Rated voltage (III/2): 630 V,
Number of positions: 12, Pitch: 7.5 mm, Color: green, Metal
surface: Sn, Assembly: Soldering
Diagrams/Drawings
Dimensioned drawing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com