Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2903CD Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS2903CD
Description  Dual Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2903CD Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2903CD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2903CD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2903CD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2903CD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2903CD Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2903CD Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS2903
3-6
2005/04 rev. A
Electrical Characteristics (Continues)
Note 1. The max. Output current may be as high as 20mA, independent of the magnitude of VCC, output short circuits to
VCC can cause excessive heating and eventual destruction.
Note 2. This magnitude of input current will only occur if the input leads are driven more negative than ground or the
negative supply voltage. This is due to the input PNP collector base junction becoming forward biased acting as
an input clamp diode. There is also a lateral PNP parasitic transistor action on the IC chip. This phenomena can
cause the output voltage of the comparators to go to the VCC voltage level (or ground if overdrive is large) during
the time the input is driven negative. This will not destroy the device and normal output states will recover when
the inputs become -0.3V of ground or negative supply.
Note 3. At output switch point, VO=1.4Vdc, RS=0Ω with VCC from 5Vdc to 30Vdc, and over the full input common-mode
Note 4. Due to the PNP transistor inputs, bias current will flow out of the inputs, this current is essentially constant
independent of the output state, therefore, no loading changes will exist on the input lines.
Note 5. Input common mode of either input should not be permitted to go more than 0.3V negative of ground or minus
supply. The upper limit of common mode range is VCC - 1.5V but either or both inputs can betaken to as high as
30volts without damage.
Note 6. Response time is specified with a 100mV step and 5.0mV of overdrive. With larger magnitudes of overdrive
faster response times are obtainable.
Note 7. The comparator will inhibit proper output state if one of the inputs is become greater than VCC, the other input
must remain within the common mode range. The low input state must not be less than -0.3volts of ground of
minus supply.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com