Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6409AE Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6409AE
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6409AE Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6409AE Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6409AE Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6409AE Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
- 2 -
ELECTRICAL CHARACTERISTICS
一般电气特性
Parameter 参数
符号
Test Condition 测试条件
最小值
典型值
最大值
单位
Static 静态参数
Drain-Source Breakdown Voltage 漏源击穿电压
BVDSS
VGS = 0V, ID = -250uA
-20
V
Drain-Source On-State Resistance 漏源导通电阻
RDS(on)
VGS = -1.8V, ID = -2.0A
73.0
Drain-Source On-State Resistance 漏源导通电阻
RDS(on)
VGS = -2.5V, ID = -4.0A
54.0
Drain-Source On-State Resistance 漏源导通电阻
RDS(on)
VGS = -4.5V, ID =-5.5A
43.0
mΩ
Gate Threshold Voltage 开启电压
VGS(th)
VDS =VGS, ID = -250uA
-0.3
-1.0
V
Zero Gate Voltage Drain Current 零栅压漏极电流
IDSS
VDS = -16V, VGS = 0V
-1
uA
Gate Body Leakage 漏极短路时截止栅电流
IGSS
VGS = ± 8V, VDS = 0V
±
10
uA
Gate Resistance G 极电阻
Rg
VDS = 0V, f = 1.0MHz
6.5
Ω
Dynamic 动态参数
Total Gate Charge 栅极总电荷
Qg
10.2
Gate-Source Charge 栅-源极电荷
Qgs
0.84
Gate-Drain Charge 栅-漏极电荷
Qgd
VDS = -10 V, ID = -5.5 A
VGS = -4.5V
2.53
nC
Turn-On Delay Time 导通延迟时间
td(on)
300
Turn-On Rise Time
导通上升时间
tr
780
Turn-Off Delay Time 关断延迟时间
td(off)
5073
Turn-Off Fall Time
关断下降时间
tf
VDD = -10 V, RL =10Ω
ID = -1 A,VGEN =- 4.5V
RG = 3 Ω
2157
ns
Input Capacitance 输入电容
Ciss
925
Output Capacitance
输出电容
Coss
115
Reverse Transfer Capacitance 反向传输电容
Crss
VDS = -10 V, VGS = 0V
f = 1.0 MHz
77.5
pF
Source-Drain Diode 源漏二极管参数
Max. Diode Forward Current 最大正向电流
IS
-2.2
A
Diode Forward Voltage
正向电压
VSD
IS = 1.0, VGS = 0V
-1.0
V
Note: Pulse test: pulse width <= 300us, duty cycle<= 2% 注意:脉冲测试:脉冲宽度<= 300us 死区<= 2%
Data Sheet
85.0
55.0
65.0
HM 6409AE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com