Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS2135 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS2135
Description  TMS570LS31x5/21x5 16- and 32-Bit RISC Flash Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS2135 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS570LS2135 Datasheet HTML 18Page - Texas Instruments TMS570LS2135 Datasheet HTML 19Page - Texas Instruments TMS570LS2135 Datasheet HTML 20Page - Texas Instruments TMS570LS2135 Datasheet HTML 21Page - Texas Instruments TMS570LS2135 Datasheet HTML 22Page - Texas Instruments TMS570LS2135 Datasheet HTML 23Page - Texas Instruments TMS570LS2135 Datasheet HTML 24Page - Texas Instruments TMS570LS2135 Datasheet HTML 25Page - Texas Instruments TMS570LS2135 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 172 page
background image
TMS570LS3135, TMS570LS2135, TMS570LS2125
SPNS164C – APRIL 2012 – REVISED APRIL 2015
www.ti.com
4.3.2.2
Enhanced High-End Timer (N2HET) Modules
Table 4-19. ZWT Enhanced High-End Timer (N2HET) Modules
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
337
TYPE
SIGNAL NAME
STATE
ZWT
N2HET1[0]/SPI4CLK
K18
N2HET1[1]/SPI4NENA/N2HET2[8]
V2
N2HET1[2]/SPI4SIMO[0]
W5
N2HET1[3]/SPI4NCS[0]/N2HET2[10]
U1
N2HET1[4]
B12
N2HET1[5]/SPI4SOMI[0]/N2HET2[12]
V6
N2HET1[6]/SCIRX
W3
N2HET1[7]/N2HET2[14]
T1
N2HET1[8]/MIBSPI1SIMO[1]
E18
N2HET1[9]/N2HET2[16]
V7
N2HET1[10]
D19
N2HET1[11]/MIBSPI3NCS[4]/N2HET2[18]
E3
N2HET1[12]
B4
N2HET1[13]/SCITX
N2
N2HET1[14]
A11
N2HET1[15]/MIBSPI1NCS[4]
N1
N2HET1[16]
A4
N2HET1[17]
A13
N2HET1 time input capture or
MIBSPI1NCS[1]/N2HET1[17]
F3
output compare, or GIO.
N2HET1[18]
J1
Programmable,
I/O
Pulldown
Each terminal has a
20 µA
N2HET1[19]
B13
suppression filter with a
MIBSPI1NCS[2]/N2HET1[19]
G3
programmable duration.
N2HET1[20]
P2
N2HET1[21]
H4
MIBSPI1NCS[3]/N2HET1[21]
J3
N2HET1[22]
B3
N2HET1[23]
J4
MIBSPI1NENA/N2HET1[23]
G19
N2HET1[24]/MIBSPI1NCS[5]
P1
N2HET1[25]
M3
MIBSPI3NCS[1]/N2HET1[25]
V5
N2HET1[26]
A14
N2HET1[27]
A9
MIBSPI3NCS[2]/I2C_SDA/N2HET1[27]
B2
N2HET1[28]
K19
N2HET1[29]
A3
MIBSPI3NCS[3]/I2C_SCL/N2HET1[29]
C3
N2HET1[30]
B11
N2HET1[31]
J17
MIBSPI3NENA/MIBSPI3NCS[5]/N2HET1[31]
W9
Programmable,
Disable selected PWM
GIOA[5]/EXTCLKIN/N2HET1_PIN_nDIS
B5
I/O
Pulldown
20 µA
outputs
22
Terminal Configuration and Functions
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com